Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F102T14-45T Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28F102T14-45T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F102T14-45T Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28F102T14-45T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F102T14-45T Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT28F102
6
Doc. No. 25038-0A 2/98 F-1
A.C. CHARACTERISTICS, Program/Erase Operation
VCC = +5V ±10%, unless otherwise specified.
JEDEC
Standard
28F102-45
28F102-55
28F102-70 28F102-90
Symbol
Symbol
Parameter
Min. Max.
Min.
Max.
Min. Max. Min.
Max.
Unit
tAVAV
tWC
Write Cycle Time
45
55
70
90
ns
tAVWL
tAS
Address Setup Time
0
0
0
0
ns
tWLAX
tAH
Address Hold Time
30
30
35
40
ns
tDVWH
tDS
Data Setup Time
30
30
35
40
ns
tWHDX
tDH
Data Hold Time
10
10
10
10
ns
tELWL
tCS
CE Setup Time
0
0
0
0
ns
tWHEH
tCH
CE Hold Time
0
0
0
0
ns
tWLWH
tWP
WE Pulse Width
30
30
35
40
ns
tWHWL
tWPH
WE High Pulse Width
20
20
20
20
ns
tWHWH1(2)
-
Program Pulse Width
10
10
10
10
µs
tWHWH2(2)
-
Erase Pulse Width
9.5
9.5
9.5
9.5
ms
tWHGL
-
Write Recovery Time
6
6
6
6
µs
Before Read
tGHWL
-
Read Recovery Time
0
0
0
0
µs
Before Write
tVPEL
-
VPP Setup Time to
CE
100
100
100
100
ns
28F102-45
28F102-55
28F102-70
28F102-90
Parameter
Min.
Typ. Max. Min.
Typ. Max. Min. Typ.
Max. Min. Typ.
Max.
Unit
Chip Erase Time (3)(5)
0.5
10
0.5
10
0.5
10
0.5
10
sec
Chip Program Time(3)(4)
1
6.5
1
6.5
1
6.5
1
6.5
sec
Note:
(1) Please refer to Supply characteristics for the value of VPPH and VPPL. The VPP supply can be either hardwired or switched. If VPP is
switched, VPPL can be ground, less than VCC + 2.0V or a no connect with a resistor tied to ground.
(2) Program and Erase operations are controlled by internal stop timers.
(3) ‘Typicals’ are not guaranteed, but based on characterization data. Data taken at 25
°C, 12.0V VPP.
(4) Minimum byte programming time (excluding system overhead) is 16
µs (10 µs program + 6 µs write recovery), while maximum is 400 µs/
byte (16
µs x 25 loops). Max chip programming time is specified lower than the worst case allowed by the programming algorithm since
most bytes program significantly faster than the worst case byte.
(5) Excludes 00H Programming prior to Erasure.
VCC = +5V
±5%
Erase and Programming Performance (1)
VCC = +5V
±5%


Similar Part No. - CAT28F102T14-45T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F102T14-45T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com