Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13A Datasheet(PDF) 7 Page - Switchcraft, Inc.

Part # 13A
Description  COMMERCIAL PHONE JACKS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

13A Datasheet(HTML) 7 Page - Switchcraft, Inc.

  13A Datasheet HTML 1Page - Switchcraft, Inc. 13A Datasheet HTML 2Page - Switchcraft, Inc. 13A Datasheet HTML 3Page - Switchcraft, Inc. 13A Datasheet HTML 4Page - Switchcraft, Inc. 13A Datasheet HTML 5Page - Switchcraft, Inc. 13A Datasheet HTML 6Page - Switchcraft, Inc. 13A Datasheet HTML 7Page - Switchcraft, Inc. 13A Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MATERIAL
Mounting Bushing: Nickel-plated copper alloy.
Insulation: Rigid plastic.
Springs: Special copper alloy. Integral contacts are
standard in the isolated switching circuits; fine silver
contacts in C12A switching circuit.
Sleeve Terminal: Copper alloy.
Hardware: Supplied with one Number P10001 copper alloy
nickel-plated hex nut, and one Number S1022 steel
nickel-plated washer - except copper alloy nickel-plated
washer
Number S10451 supplied on C11, C12A and C12B.
* Commercial jacks feature integral contacts. Integral contacts should not be used where
low contact resistance is a requirement.
Previous Page | Return to Index | Next Page
To search a category please click on the corresponding icon:
| Connectors | Jacks and Plugs |
| Patch Panels, Patch Kits & Jackfields | Cable Assemblies and Patch Cords | Switches |


Similar Part No. - 13A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
13AC1 HONEYWELL-13AC1 Datasheet
116Kb / 2P
   Interactive Catalog Replaces Catalog Pages
13AC1 HONEYWELL-13AC1 Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
13AC1 HONEYWELL-13AC1 Datasheet
117Kb / 2P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
13AC1 HONEYWELL-ACC-13AC1 Datasheet
117Kb / 2P
   Interactive Catalog Replaces Catalog Pages
logo
Semikron International
13AC126V1 SEMIKRON-13AC126V1 Datasheet
824Kb / 4P
   3-phase bridge inverter
More results

Similar Description - 13A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
   SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
   1/4 RIGHT-ANGLE PHONE JACKS
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
   TEST JACKS
logo
Adam Technologies, Inc.
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
logo
List of Unclassifed Man...
NP2X ETC2-NP2X Datasheet
4Mb / 23P
   Plugs & Jacks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com