Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21R6C-AP2R1B2A0 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-21R6C-AP2R1B2A0
Description  Technical Data Sheet Reverse Top View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21R6C-AP2R1B2A0 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-21R6C-AP2R1B2A0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21R6C-AP2R1B2A0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Reverse Top View LEDs
67-21/R6C-AP2R1B/2A0
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No. :
Prepared date: 05-Nov-2008
Prepared by: Rita Shen
Features
P-LCC-2 package.
White package.
Optical indicator.
Colorless clear window.
Wide viewing angle.
Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
Computable with automatic placement equipment.
Available on tape and reel (12mm Tape).
Pb-free.
The product itself will remain within RoHS
compliant version.
Descriptions
The 67-21 series is available in soft orange, green, blue and yellow. Due to the package
design, the LED has wide viewing angle and optimized light coupling by inter reflector. This
feature makes the ideal for light pipe application. The low current requirement makes this
device ideal for portable equipment or any other application where power is at a premium.
Applications
Telecommunication: indicator and backlighting in telephone and fax.
Flat backlight for LCD, switch and symbol.
Light pipe application.
General use.
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 67-21R6C-AP2R1B2A0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21RAC-B102-TR8-AM EVERLIGHT-67-21RAC-B102-TR8-AM Datasheet
262Kb / 12P
   Top View LEDs
67-21RAC/B102/TR8/AM EVERLIGHT-67-21RAC/B102/TR8/AM Datasheet
262Kb / 12P
   Top View LEDs
More results

Similar Description - 67-21R6C-AP2R1B2A0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
   Technical Data Sheet Top View LEDs
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com