Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA301A392JAR Datasheet(PDF) 1 Page - AVX Corporation

Part # SA301A392JAR
Description  AVX SA Series Conformally Coated Axial Leaded MLC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA301A392JAR Datasheet(HTML) 1 Page - AVX Corporation

  SA301A392JAR Datasheet HTML 1Page - AVX Corporation SA301A392JAR Datasheet HTML 2Page - AVX Corporation SA301A392JAR Datasheet HTML 3Page - AVX Corporation SA301A392JAR Datasheet HTML 4Page - AVX Corporation SA301A392JAR Datasheet HTML 5Page - AVX Corporation SA301A392JAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
37
Axial Leads/SpinGuard®
A
5
E
10
4
Z
A
B
8
1
0
VOLTAGE
(5 = 50V)
TC
(E = Z5U)
AVX
TOLERANCE
(Z = +80, -20%)
YEAR (2008)
WEEK (10th)
CAP CODE
AND MULTIPLIER
ALPHA-ALPHA,
LOT CODE
AB=LOT #2 IN WEEK
SA105E104ZAA
LOT CODE/DATE CODE
=810AB
MARKING (EXAMPLE)
SpinGuard marking includes full date code/lot code identifi-
cation. A first in the industry, this format provides complete
traceability to all manufacturing processes involving the
basic chip and final assembly. Total Shipment traceability is
also provided.
PACKAGING REQUIREMENTS
A = Standard Reels (see Page 48)
B = 1000 piece reels (distributors only, tight tolerance only)
C = Ammo Pack (see Page 48)
D thru J = See Special Lead Configurations (Page 41)
M = 26mm tape and reel
N = 26mm ammo pack
R = RoHS, Standard reels (See page 48)
A
Z
10
4
8
A
B
AVX
TOLERANCE
(Z = +80%, -20%)
YEAR (2008)
CAP CODE
AND MULTIPLIER
LOT CODE
SA055E104ZAA
LOT CODE/DATE CODE
=8AB
SA10, 11, 20, 30, 40
SA05
AVX SA Series
Conformally Coated Axial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, X5R, Z5U
10, 50, 100, 200 Volts
Case Material: Epoxy (Flame Retardant to UL Bulletin
492, Par. 280)
Lead Material: Solderable
GENERAL DESCRIPTION
HOW TO ORDER
SA10
Conformal
Axial Size
SA05
SA10
SA11
SA20
SA30
SA40
5
Voltage
Z = 10V
5 = 50V
1 = 100V
2 = 200V
E
Dielectric
A = C0G (NP0)
C = X7R
D = X5R
E = Z5U
104
Capacitance
First two digits are the significant
figures of capacitance. Third digit
indicates the additional number
of zeros. For example, order
100,000 pF as 104. (For values
below 10pF use “R” in place of
decimal point, e.g., 1R4 = 1.4pF.)
Z
Capacitance
Tolerance
C0G (NP0):
C = ±.25pF
D = ±.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
X7R:
J = ±5%
K = ±10%
M = ±20%
X5R:
K = ±10%
M = ±20%
Z5U:
M = ±20%
Z = +80%
-20%
A
Failure Rate
A = Not Applicable
R
Leads
Standard (Solderable)
R = RoHS Compliant
A = Standard
Solderable
2.30 (.090
")
Max.
3.00 (.118
")
Max.
25.4 (1.00
")
Min.
.445 ± .0127
(.0175
" ± .0005")
Dimensions: Millimeters
(Inches)


Similar Part No. - SA301A392JAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA301A392JAR AVX-SA301A392JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA301A392JAR AVX-SA301A392JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA301A392JAR AVX-SA301A392JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA301A392JAR AVX-SA301A392JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA301A392JAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA101C103KAR AVX-SA101C103KAR Datasheet
261Kb / 6P
   Conformally Coated Axial Leaded MLC
SR215C683KAA AVX-SR215C683KAA Datasheet
177Kb / 4P
   Conformally Coated Radial Leaded MLC
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com