Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

572D2271004B23 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 572D2271004B23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

572D2271004B23 Datasheet(HTML) 2 Page - Vishay Siliconix

  572D2271004B23 Datasheet HTML 1Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 2Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 3Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 4Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 5Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 6Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 7Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 8Page - Vishay Siliconix 572D2271004B23 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
572D
www.vishay.com
Vishay Sprague
Revision: 25-Jun-13
2
Document Number: 40064
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
25 V
35 V
2.2
Q
A
4.7
A/S
10
P
P
A
22
A/B/T
33
A/P/Q/S
A/P/S
47
Q/S
S
68
S
B
100
A/B/S/T
B/T
220
B/S/T
B
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT+ 85 °C, 2.7 VDC AT + 125 °C
220
B
572D227(1)004B(2)(3)
8.8
16
0.2
0.63
220
S
572D227X0004S(2)(3)
8.8
25
0.8
0.26
220
T
572D227X0004T(2)(3)
8.8
26
0.6
0.37
6.3 VDC AT+ 85 °C, 4 VDC AT + 125 °C
33
A
572D336(1)6R3A(2)(3)
2.1
8
0.8
0.29
33
P
572D336X06R3P(2)(3)
2.1
14
1.5
0.13
33
Q
572D336(1)6R3Q(2)(3)
2.1
10
2.0
0.17
33
S
572D336(1)6R3S(2)(3)
2.1
10
1.4
0.24
47
Q
572D476X06R3Q(2)(3)
3.0
10
1.1
0.22
47
S
572D476(1)6R3S(2)(3)
3.0
10
0.9
0.25
68
S
572D686(1)6R3S(2)(3)
4.3
12
0.9
0.26
100
A
572D107(1)6R3A(2)(3)
6.3
14
0.8
0.36
100
B
572D107(1)6R3B(2)(3)
6.3
14
0.4
0.45
100
S
572D107X06R3S(2)(3)
6.3
20
1.0
0.24
100
T
572D107(1)6R3T(2)(3)
6.3
14
0.6
0.36
220
B
572D227(1)6R3B(2)(3)
13.9
16
0.2
0.63
10 VDC AT+ 85 °C, 7 VDC AT + 125 °C
10
P
572D106(1)010P(2)(3)
1.0
8
3.0
0.09
33
A
572D336(1)010A(2)(3)
3.3
10
0.8
0.29
33
P
572D336X0010P(2)(3)
3.3
25
4.0
0.08
33
S
572D336X0010S(2)(3)
3.3
10
1.1
0.23
47
S
572D476X0010S(2)(3)
4.7
14
1.1
0.23
68
B
572D686(1)010B(2)(3)
6.8
6
0.45
0.42
100
B
572D107(1)010B(2)(3)
10
14
0.4
0.45
100
T
572D107X0010T(2)(3)
10
18
0.5
0.40
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
10
P
572D106(1)016P(2)(3)
1.6
10
4.0
0.08
22
A
572D226(1)016A(2)(3)
3.5
8
1.4
0.22
22
B
572D226(1)016B(2)(3)
3.5
6
0.5
0.45
22
T
572D226(1)016T(2)(3)
3.5
8
1.1
0.27
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
2.2
Q
572D225(1)025Q(2)(3)
0.65
6
5.0
0.10
4.7
A
572D475(1)025A(2)(3)
1.2
8
2.8
0.15
4.7
S
572D475(1)025S(2)(3)
1.2
8
4.0
0.12
10
A
572D106(1)025A(2)(3)
2.5
10
3.5
0.15
35 VDC AT + 85 °C, 23 VDC AT + 125 °C
2.2
A
572D225(1)035A(2)(3)
0.8
6
3.0
0.12
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”, for gold plated specify “4”
(3) Packaging code: For 7" reels specify “T”, for 13" reel specify “W”


Similar Part No. - 572D2271004B23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D227X0004S2_ VISHAY-572D227X0004S2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D227X_004B2_ VISHAY-572D227X_004B2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D227X_004B2_001 VISHAY-572D227X_004B2_001 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D227X_004T2_ VISHAY-572D227X_004T2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D227X_6R3B2_ VISHAY-572D227X_6R3B2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
More results

Similar Description - 572D2271004B23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D VISHAY-592D Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com