Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C5H50BL Datasheet(PDF) 6 Page - Vicor Corporation

Part # V300C5H50BL
Description  DC input range: 180 - 375 V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C5H50BL Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V300C5H50BL Datasheet HTML 2Page - Vicor Corporation V300C5H50BL Datasheet HTML 3Page - Vicor Corporation V300C5H50BL Datasheet HTML 4Page - Vicor Corporation V300C5H50BL Datasheet HTML 5Page - Vicor Corporation V300C5H50BL Datasheet HTML 6Page - Vicor Corporation V300C5H50BL Datasheet HTML 7Page - Vicor Corporation V300C5H50BL Datasheet HTML 8Page - Vicor Corporation V300C5H50BL Datasheet HTML 9Page - Vicor Corporation V300C5H50BL Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
300 V Micro Family
Rev 9.0
vicorpower.com
Page 6 of 13
4/2013
800 735.6200
300 V Input
Parameter
min
Typ
max
Unit
Notes
Efficiency
86
87.3
%
Nominalinput;fullload;25°C
Rippleandnoise
65
82
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
31.5
32.7
33.9
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
4.3
5.5
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
2.68
Amps
Currentlimit
2.73
3.08
3.62
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
1.87
3.08
3.62
Amps
Outputvoltage<250mV
28Vout,75W(e.g.V300c28c75Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
85.5
87
%
Nominalinput;fullload;25°C
Rippleandnoise
300
375
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
40.4
41.9
43.4
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
4.8
5.6
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
4.17
Amps
Currentlimit
4.25
4.8
5.63
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
2.91
4.8
5.63
Amps
Outputvoltage<250mV
36Vout,150W(e.g.V300c36c150Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
85.5
86.5
%
Nominalinput;fullload;25°C
Rippleandnoise
180
225
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
31.5
32.7
33.9
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
4.6
6.9
Watts
Noload
Loadregulation
±0.02
±0.3
%
Noloadtofullload;nominalinput
Loadcurrent
0
5.36
Amps
Currentlimit
5.46
6.16
6.97
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
3.75
6.16
6.97
Amps
Outputvoltage<250mV
28Vout,150W(e.g.V300c28c150Bl)
mOdUlesPeciFicOPeRaTiNG sPeciFicaTiONs(cONT.)
Parameter
min
Typ
max
Unit
Notes
Efficiency
84.7
86.4
%
Nominalinput;fullload;25°C
Rippleandnoise
100
125
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
27.1
28.1
29.1
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
2.1
3.8
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
3.13
Amps
Currentlimit
3.19
3.6
4.23
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
2.19
3.6
4.23
Amps
Outputvoltage<250mV
24Vout,75W(e.g.V300c24c75Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
85.5
86.5
%
Nominalinput;fullload;25°C
Rippleandnoise
150
188
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
27.1
28.1
29.1
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
4.9
7.4
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
6.25
Amps
Currentlimit
6.37
7.19
8.44
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
3.5
7.19
8.15
Amps
Outputvoltage<250mV
24Vout,150W(e.g.V300c24c150Bl)


Similar Part No. - V300C5H50BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C5H100B VICOR-V300C5H100B Datasheet
142Kb / 8P
   300Vin / 5Vout / 100Watts DC-DC Converter Module
V300C5H200B VICOR-V300C5H200B Datasheet
145Kb / 8P
   300Vin / 5Vout / 200Watts DC-DC Converter Module
V300C5H400A VICOR-V300C5H400A Datasheet
193Kb / 8P
   DC-DC Converter Module
V300C5H400A VICOR-V300C5H400A Datasheet
194Kb / 8P
   375Vin / 48Vout / 600Watts DC-DC Converter Module
V300C5H400B VICOR-V300C5H400B Datasheet
151Kb / 8P
   300Vin / 5Vout / 400Watts DC-DC Converter Module
More results

Similar Description - V300C5H50BL

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-65 MEANWELL-HVGC-65 Datasheet
159Kb / 8P
   WIDE INPUT RANGE 180~528VAC
HVG-65 MEANWELL-HVG-65 Datasheet
157Kb / 8P
   WIDE INPUT RANGE 180~528VAC
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
V110B24T200BG VICOR-V110B24T200BG Datasheet
811Kb / 13P
   DC input range 66 ??154 V (continuous)
V110C15T100BG VICOR-V110C15T100BG Datasheet
1Mb / 12P
   DC input range 66-154 V (continuous)
logo
DATEL, Inc.
QBSERIES DATEL-QBSERIES Datasheet
1Mb / 21P
   Wide Input Range 180 to 425 Volts Up to 150 Watts DC-DC Converter
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com