Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE334S01 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NE334S01
Description  C BAND SUPER LOW NOISE HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE334S01 Datasheet(HTML) 6 Page - California Eastern Labs

  NE334S01 Datasheet HTML 1Page - California Eastern Labs NE334S01 Datasheet HTML 2Page - California Eastern Labs NE334S01 Datasheet HTML 3Page - California Eastern Labs NE334S01 Datasheet HTML 4Page - California Eastern Labs NE334S01 Datasheet HTML 5Page - California Eastern Labs NE334S01 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PART NUMBER
AVAILABILITY
PACKAGE
NE334S01
Bulk
S01
NE334S01-T1
Tape & reel 1K/reel
S01
NE334S01-T1B
Tape & reel 4K/reel
S01
ORDERING INFORMATION
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S01
NE334S01
1.9
± 0.2
0.125
± 0.05
4.0
± 0.2
1.6
0.4 MAX
2.0
± 0.2
0.65 TYP.
4
2
3
1
C
1. Source
2. Drain
3. Source
4. Gate
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
7/18/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NE334S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE334S01-T1 NEC-NE334S01-T1 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01-T1 NEC-NE334S01-T1 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE334S01-T1B NEC-NE334S01-T1B Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE334S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE434S01 CEL-NE434S01 Datasheet
42Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com