Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-140-W Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 4-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-W Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 4-140-W Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 33Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 34Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-140-W Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 282 page
background image
Quick Clamp Terminals
Simplifies engaging of wires to barrier blocks.
Wire is inserted into flared opening and screw
is tightened. Screws are brass binder head
type with nickel plating. Terminals are brass
with tin plating. Includes two mating clamps
and one screw.
Ordering Information
Barrier Block
Screw
Wire Gauge
Series
Catalog No.
Size
Range AWG
141, 541
QC-1
6-32x5/16"
12 thru 22
142, 542
QC-2
8-32x3/8"
10 thru 16
Jumpers
For connecting between adjacent terminals
or alternate terminals. All jumpers are
brass with nickel plating.
Ordering Information
Barrier Block
Series
Type
Catalog No.
140
A
140J-1
141
B
141J-1
141
F
141J
142
F
95B
142, 542
D
142J-1*
142, 542
E
142J-2
540
C
540J
541
C
541J
542
C
542J
* Connects two alternate terminals
2
2-29
Barrier Blocks
Accessories
Type A
Type C
QC-1
Shown
Type F
Type E
Type B
Type D
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 4-140-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-4 ETC2-4-140-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-140-6 ETC2-4-140-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-140-8 ETC2-4-140-8 Datasheet
10Mb / 64P
   Every edding a specialist
More results

Similar Description - 4-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com