Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-140-W Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 8-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-140-W Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 8-140-W Datasheet HTML 23Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 24Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 25Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 26Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 27Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 28Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 29Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 30Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 282 page
background image
2-24
Call Toll Free: 1 (800) 323-9612
Barrier Blocks
Series 540
.375 Density, 5-40 x 1/4"
BH Screw, Closed Bottom,
Double Row
Electrical Characteristics
Voltage Rating: 600 Volts maximum
Current Rating: 15 Amps
Maximum Watts Per Terminal: 3750
Mechanical Characteristics
Maximum Wire Size: #16
Recommended Tightening Torque: 9 lb.-in.
Dimensions
No. of
“M”
“L”
Marker Strip
Terminals
Catalog No.
Dim. (in)
Dim. (in)
Catalog No.
2
2-540
1.125
1.407
MSX-2-540
3
3-540
1.500
1.782
MSX-3-540
4
4-540
1.875
2.157
MSX-4-540
5
5-540
2.250
2.532
MSX-5-540
6
6-540
2.625
2.907
MSX-6-540
7
7-540
3.000
3.282
MSX-7-540
8
8-540
3.375
3.657
MSX-8-540
9
9-540
3.750
4.032
MSX-9-540
10
10-540
4.125
4.407
MSX-10-540
11
11-540
4.500
4.782
MSX-11-540
12
12-540
4.875
5.157
MSX-12-540
13
13-540
5.250
5.532
MSX-13-540
14
14-540
5.625
5.907
MSX-14-540
15
15-540
6.000
6.282
MSX-15-540
16
16-540
6.375
6.657
MSX-16-540
17
17-540
6.750
7.032
MSX-17-540
18
18-540
7.125
7.407
MSX-18-540
19
19-540
7.500
7.782
MSX-19-540
20
20-540
7.875
8.157
MSX-20-540
21
21-540
8.250
8.532
MSX-21-540
22
22-540
8.625
8.907
MSX-22-540
23
23-540
9.000
9.282
MSX-23-540
24
24-540
9.375
9.657
MSX-24-540
25
25-540
9.750
10.032
MSX-25-540
26
26-540
10.125
10.407
MSX-26-540
27
27-540
10.500
10.782
MSX-27-540
28
28-540
10.875
11.157
MSX-28-540
29
29-540
11.250
11.532
MSX-29-540
30
30-540
11.625
11.907
MSX-30-540
31
31-540
12.000
12.282
MSX-31-540
Marketed exclusively through distribution.
Ordering Information


Similar Part No. - 8-140-W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com