Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600S4R7BW250XT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 600S4R7BW250XT
Description  ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600S4R7BW250XT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  600S4R7BW250XT Datasheet HTML 1Page - List of Unclassifed Manufacturers 600S4R7BW250XT Datasheet HTML 2Page - List of Unclassifed Manufacturers 600S4R7BW250XT Datasheet HTML 3Page - List of Unclassifed Manufacturers 600S4R7BW250XT Datasheet HTML 4Page - List of Unclassifed Manufacturers 600S4R7BW250XT Datasheet HTML 5Page - List of Unclassifed Manufacturers 600S4R7BW250XT Datasheet HTML 6Page - List of Unclassifed Manufacturers 600S4R7BW250XT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Kit
25T
0.1 to 2.0
0.1, 0.2, 0.3, 0.4, 0.5, 0.6 0.7, 0.8, 0.9, 1.0,
1.1, 1.2, 1.5
1.6, 1.8, 2.0
$90.00
600S Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values,
15 pcs. min. per value
Kit
26T
1.0 to 10
$90.00
600S Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values,
15 pcs. min. per value
Kit
27T
10 to 100
10, 12, 15, 18, 20, 22, 24, 27, 30, 33, 39, 47,
56, 68, 82, 100
$90.00
600S Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values,
15 pcs. min. per value
DK0025T
DK0026T
DK0027T
±5%
±5%
±0.25
±0.1
±0.25
±0.1
1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3
3.9, 4.7, 5.6, 6.8, 8.2
10
Kit #
Item #
Description
Cap. Value
Range (pF)
Cap. Values
(pF)
Tol.
(pF)
Price
Suggested Mounting Pad Dimensions
Vertical
ElectrodeOrientation
Horizontal
ElectrodeOrientation
B
A
C
D
B
Inches(mm)
0402(1005)
AMin. BMin. CMin. DMin.
CaseSize
0603 (1608)
0805 (2012)
.1259
(3.20)
.110
(2.80)
.0866
(2.20)
.0157
(0.40)
.0275
(0.70)
.0393
(1.00)
.0590
(1.50)
.0354
(0.90)
.0433
(1.10)
.0512
(1.30)
.0236
(0.60)
.0236
(0.60)
CaseSizesL,SandF
T
W
T
W
L
L
Outline Dimensions
Y
L
T
W
S (0603)
L: .063 ± .006 (1.60 ± .15)
W: .032 ± .006 (.81 ± .15)
T: .035 max. (0.89 max.)
Y: .014 ± .006 (0.36 ± 0.15)
Design Kits Each Kit contains a selection of standard capacitor values for circuit prototyping.
For Online Kit Orders, Catalog & Application Notes, Visit: www.atceramics.com
ATC 600S Series Ultra-Low, High Q ESR, NPO RF & Microwave Capacitors
Inches (mm)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
5


Similar Part No. - 600S4R7BW250XT

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
600S-N TRUMPOWER-600S-N Datasheet
58Kb / 1P
   Switching Power Supplies
600S-N003 TRUMPOWER-600S-N003 Datasheet
58Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
600S-N005 MEANWELL-600S-N005 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
logo
Tumbler Technologies + ...
600S-N005 TRUMPOWER-600S-N005 Datasheet
58Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
600S-N012 MEANWELL-600S-N012 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
More results

Similar Description - 600S4R7BW250XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC400Z1R0PT50T ETC2-ATC400Z1R0PT50T Datasheet
144Kb / 4P
   ATC 400 Z Series Precision Tolerance NPO RF Microwave Capacitors
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com