Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C256U14A-TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT25C256U14A-TE13
Description  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256U14A-TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25C256U14A-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C256U14A-TE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
CAT25C128/256
Doc. No. 25088-00 1/01
After the correct read instruction and address are sent,
the data stored in the memory at the selected address is
shifted out on the SO pin. The data stored in the memory
at the next address can be read sequentially by continu-
ing to provide clock pulses. The internal address pointer
is automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address (7FFFh for 25C256 and 3FFFh for 25C128) is
reached, the address counter rolls over to 0000h allow-
ing the read cycle to be continued indefinitely. The read
operation is terminated by pulling the
CS high. To read
the status register, RDSR instruction should be sent.
The contents of the status register are shifted out on the
SO line. The status register may be read at any time
even during a write cycle.Read sequence is illustrated in
figure 4. Reading status register is illustrated in figure 5.
Figure 2. WREN Instruction Timing
Figure 3. WRDI Instruction Timing
DEVICE OPERATION
Write Enable and Disable
The CAT25C128/256 contains a write enable latch. This
latch must be set before any write operation. The device
powers up in a write disable state when Vcc is applied.
WREN instruction will enable writes (set the latch) to the
device. WRDI instruction will disable writes (reset the
latch) to the device. Disabling writes will protect the
device against inadvertent writes.
READ Sequence
The part is selected by pulling
CS low. The 8-bit read
instruction is transmitted to the CAT25C128/256, fol-
lowed by the 16-bit address (the Most Significant Bit is
don’t care for 25C256 and the two most significant bits
are don't care for the 25C128).
SK
SI
CS
SO
00000
11
0
HIGH IMPEDANCE
SK
SI
CS
SO
00000
10
0
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — — — —
Note: Dashed Line= mode (1, 1) — — — —


Similar Part No. - CAT25C256U14A-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT2 CATALYST-CAT25C256L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT3 CATALYST-CAT25C256L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T2 CATALYST-CAT25C256L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T3 CATALYST-CAT25C256L-1.8T3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C256U14A-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com