Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-6-140 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MS-6-140
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS-6-140 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MS-6-140 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 11Page - List of Unclassifed Manufacturers MS-6-140 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 282 page
background image
2-1
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Commercial
Introduction
2
Call Toll Free: 1 (800) 323-9612
Cinch Commercial Products, consisting of Jones Plugs and Sockets, Barrier Blocks, Edge Cards, Two-Piece Commercial Dins,
Mini Din Plugs, and their newest addition the 75
Ω Press-Fit BNC Receptacle, provide a wide variety of connectors for the
purchaser and designer to chose from.
The Jones Plugs and Sockets have been utilized for decades and provide a quick, reliable, and economical means of solving
your higher current-carrying capacity needs. Available in two series (300 and 2,400), these connectors can be found in data
processing controls; amusement and vending machines; medical, communication, and test equipment; as well as industrial
controls and heavy-duty, battery-powered equipment. Both series are available in a variety of cable and panel
mounting options.
Cinch Barrier Blocks are designed to simplify wiring work by reducing splicing, preventing current leaks and short circuits, and
increasing insulation. Available in a variety of densities, these barrier blocks can be found in applications ranging from industrial
controls to switching systems.
Designed specially for applications where space is at a premium, the Cinch Mini Din family is ideal for personal computers,
keyboard-mouse interface, hand-held electronic equipment, office-automation equipment, and audio and video equipment.
Available in sizes 3 through 8 contact, the Cinch Mini Din family includes a fully shielded cable mounted plug in various cable
lengths or cable mounted plug components for customers with high-volume assembly and overmold capabilities.
Cinch Edge Card Connectors are available in a variety of styles on both .100 or .156 center spacing.
The newest addition to the commercial family, the 75
Ω Press-Fit BNC Receptacle is designed around a unique patented press-fit
design that allows for multiple insertion into a backplane without loss of mechanical retention or electrical performance.
When looking for time reliability to solve your commercial interconnect needs, look no further than Cinch Connectors.
Whether it's a Jones Plug and Socket, Barrier Block, Edge Card, Mini Din plug, or our newest addition,
the 75
Ω BNC Press-Fit connector, you will always know years of customer satisfaction stand behind the product you chose.


Similar Part No. - MS-6-140

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS-6 GAMEWELL-FCI-MS-6 Datasheet
86Kb / 2P
   Dual action fire alarm station
MS-6T GAMEWELL-FCI-MS-6T Datasheet
86Kb / 2P
   Dual action fire alarm station
More results

Similar Description - MS-6-140

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com