Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D22716R3D2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 293D22716R3D2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D22716R3D2 Datasheet(HTML) 3 Page - Vishay Siliconix

  293D22716R3D2 Datasheet HTML 1Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 2Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 3Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 4Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 5Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 6Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 7Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 8Page - Vishay Siliconix 293D22716R3D2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
3
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT + 85 °C; 2.7 VDC AT + 125 °C
2.2
A
293D225(1)004A(2)
0.5
6
7.60
0.10
3.3
A
293D335(1)004A(2)
0.5
6
7.60
0.10
4.7
A
293D475(1)004A(2)
0.5
6
6.30
0.11
4.7
B
293D475(1)004B(2)
0.5
6
7.00
0.11
6.8
A
293D685(1)004A(2)
0.5
6
5.50
0.12
6.8
B
293D685(1)004B(2)
0.5
6
3.40
0.16
10
A
293D106(1)004A(2)
0.5
6
5.10
0.12
10
B
293D106(1)004B(2)
0.5
6
3.50
0.16
15
A
293D156(1)004A(2)
0.6
6
3.40
0.15
15
B
293D156(1)004B(2)
0.6
6
2.90
0.17
15
C
293D156(1)004C(2)
0.6
6
2.80
0.20
22
A
293D226(1)004A(2)
0.9
6
2.90
0.16
22
B
293D226(1)004B(2)
0.9
6
2.50
0.18
22
C
293D226(1)004C(2)
0.9
6
1.80
0.25
33
A
293D336(1)004A(2)
1.3
6
2.90
0.16
33
B
293D336(1)004B(2)
1.3
6
2.00
0.21
33
C
293D336(1)004C(2)
1.3
6
1.80
0.25
47
A
293D476(1)004A(2)
1.9
14
2.50
0.17
47
B
293D476(1)004B(2)
1.9
6
1.90
0.21
47
C
293D476(1)004C(2)
1.9
6
1.80
0.25
68
B
293D686(1)004B(2)
2.7
6
1.90
0.21
68
C
293D686(1)004C(2)
2.7
6
1.40
0.28
68
D
293D686(1)004D(2)
2.7
6
0.80
0.43
100
A
293D107X0004A(2)
10.0
30
2.50
0.22
100
B
293D107(1)004B(2)
4.0
8
1.80
0.22
100
C
293D107(1)004C(2)
4.0
6
0.80
0.37
100
D
293D107(1)004D(2)
4.0
6
0.70
0.46
120
D
293D127(1)004D(2)
4.8
6
0.60
0.51
150
B
293D157(1)004B(2)
6.0
14
1.60
0.23
150
C
293D157(1)004C(2)
6.0
12
0.70
0.40
150
D
293D157(1)004D(2)
6.0
8
0.60
0.50
220
B
293D227X0004B(2)
8.8
18
1.50
0.24
220
C
293D227(1)004C(2)
8.8
8
0.70
0.40
220
D
293D227(1)004D(2)
8.8
8
0.60
0.50
220
E
293D227(1)004E(2)
8.8
8
0.50
0.57
330
D
293D337(1)004D(2)
13.2
8
0.60
0.50
330
E
293D337(1)004E(2)
13.2
8
0.50
0.57
470
D
293D477(1)004D(2)
18.8
10
0.60
0.50
470
E
293D477(1)004E(2)
18.8
10
0.50
0.57
680
D
293D687X0004D(2)
27.2
25
0.20
0.87
680
E
293D687(1)004E(2)
27.2
12
0.50
0.57
1000
E
293D108X0004E(2)
40.0
20
0.50
0.57
Note
• Part number definitions:
(1) Tolerance: X0, X9
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
(3) Lead (Pb)-free terminations and packaging codes: 2TE3, 2WE3


Similar Part No. - 293D22716R3D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D22716R3D2 VISHAY-293D22716R3D2 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D22716R3D2 VISHAY-293D22716R3D2 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
293D22716R3D2 VISHAY-293D22716R3D2 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
More results

Similar Description - 293D22716R3D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com