Electronic Components Datasheet Search |
|
595D1561010A23 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
595D1561010A23 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 24 page 595D www.vishay.com Vishay Sprague Revision: 19-Aug-13 3 Document Number: 40007 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C 270 C 595D277(1)004C(2)(3) 10.8 8 0.17 0.80 270 D 595D277(1)004D(2)(3) 10.8 8 0.13 1.07 330 C 595D337(1)004C(2)(3) 13.2 8 0.17 0.80 390 D 595D397(1)004D(2)(3) 15.6 8 0.13 1.07 470 C 595D477(1)004C(2)(3) 18.8 10 0.16 0.83 470 R 595D477(1)004R(2)(3) 18.8 10 0.13 1.39 680 D 595D687(1)004D(2)(3) 27.2 12 0.13 1.07 1000 R 595D108(1)004R(2)(3) 40.0 16 0.07 1.89 1500 R 595D158(1)004R(2)(3) 60.0 20 0.07 1.89 6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C 3.3 T 595D335(1)6R3T(2)(3) 0.5 6 8.50 0.06 3.3 A 595D335(1)6R3A(2)(3) 0.5 6 3.80 0.14 4.7 A 595D475(1)6R3A(2)(3) 0.5 6 3.80 0.14 6.8 T 595D685(1)6R3T(2)(3) 0.5 6 8.50 0.06 6.8 A 595D685(1)6R3A(2)(3) 0.5 6 3.60 0.14 10 A 595D106(1)6R3A(2)(3) 0.6 6 1.90 0.20 15 A 595D156(1)6R3A(2)(3) 0.9 6 1.70 0.21 22 A 595D226(1)6R3A(2)(3) 1.4 6 1.70 0.21 22 B 595D226(1)6R3B(2)(3) 1.4 6 0.57 0.39 33 S 595D336(1)6R3S(2)(3) 2.1 8 1.30 0.21 33 A 595D336(1)6R3A(2)(3) 2.1 6 1.70 0.21 33 B 595D336(1)6R3B(2)(3) 2.1 5 0.57 0.39 33 C 595D336(1)6R3C(2)(3) 2.1 9 0.29 0.62 47 A 595D476(1)6R3A(2)(3) 2.8 6 1.50 0.22 47 B 595D476(1)6R3B(2)(3) 2.8 5 0.57 0.39 68 A 595D686(1)6R3A(2)(3) 4.3 12 0.50 0.39 68 B 595D686(1)6R3B(2)(3) 4.3 6 0.55 0.39 100 M 595D107(1)6R3M(2)(3) 6.3 14 0.40 0.49 100 B 595D107(1)6R3B(2)(3) 6.3 8 0.55 0.39 100 C 595D107(1)6R3C(2)(3) 6.3 8 0.20 0.74 120 C 595D127(1)6R3C(2)(3) 7.6 8 0.19 0.76 150 D 595D157(1)6R3D(2)(3) 9.5 8 0.50 0.55 180 D 595D187(1)6R3D(2)(3) 11.3 8 0.14 1.04 220 C 595D227(1)6R3C(2)(3) 13.9 8 0.18 0.78 220 G 595D227(1)6R3G(2)(3) 13.9 8 0.18 0.80 220 D 595D227(1)6R3D(2)(3) 13.9 8 0.14 1.04 330 C 595D337(1)6R3C(2)(3) 20.8 8 0.17 0.80 330 D 595D337(1)6R3D(2)(3) 20.8 8 0.14 1.04 330 R 595D337(1)6R3R(2)(3) 20.8 8 0.13 1.39 390 R 595D397(1)6R3R(2)(3) 24.6 8 0.13 1.39 470 D 595D477(1)6R3D(2)(3) 29.6 8 0.13 1.07 470 R 595D477(1)6R3R(2)(3) 29.6 10 0.12 1.44 560 R 595D567(1)6R3R(2)(3) 35.3 10 0.11 1.51 680 R 595D687(1)6R3R(2)(3) 42.8 10 0.09 1.67 1000 R 595D108(1)6R3R(2)(3) 63.0 16 0.07 1.89 STANDARD RATINGS CAPACITANCE (μF) CASE CODE PART NUMBER MAX. DCL AT + 25 °C (μA) MAX. DF AT + 25 °C 120 Hz (%) MAX. ESR AT + 25 °C 100 kHz ( ) MAX. RIPPLE 100 kHz IRMS (A) Note • Part number definitions: (1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0” (2) Termination: For 100 % tin specify “2”; for gold plated specify “4”, for solder plated 60/40 specify “8” (3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W” |
Similar Part No. - 595D1561010A23 |
|
Similar Description - 595D1561010A23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |