Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV65T13I-30T Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28LV65T13I-30T
Description  64K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV65T13I-30T Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28LV65T13I-30T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 9Page - Catalyst Semiconductor CAT28LV65T13I-30T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT28LV65
6
Preliminary
Doc. No. 25041-00 2/98
ADDRESS
CE
OE
WE
DATA OUT
tAS
DATA IN
DATA VALID
HIGH-Z
tCS
tAH
tCH
tWC
tOEH
tBLC
tDH
tDS
tWP
RDY/BUSY
tOES
tRB
HIGH-Z
HIGH-Z
ADDRESS
CE
OE
WE
tRC
DATA OUT
DATA VALID
DATA VALID
tCE
tOE
tOH
tAA
tOHZ
tHZ
VIH
HIGH-Z
tLZ
tOLZ
Byte Write
A write cycle is executed when both
CE and WE are low,
and
OE is high. Write cycles can be initiated using either
WE or CE, with the address input being latched on the
falling edge of
WE or CE, whichever occurs last. Data,
conversely, is latched on the rising edge of
WE or CE,
whichever occurs first. Once initiated, a byte write cycle
automatically erases the addressed byte and the new
data is written within 5 ms.
28LV65 F08
DEVICE OPERATION
Read
Data stored in the CAT28LV65 is transferred to the data
bus when
WE is held high, and both OE and CE are held
low. The data bus is set to a high impedance state when
either
CE or OE goes high. This 2-line control architec-
ture can be used to eliminate bus contention in a system
environment.
Figure 4. Byte Write Cycle [WE Controlled]
Figure 3. Read Cycle
28LV65 F06


Similar Part No. - CAT28LV65T13I-30T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV65T13I-15T CATALYST-CAT28LV65T13I-15T Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28LV65T13I-20T CATALYST-CAT28LV65T13I-20T Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28LV65T13I-25T CATALYST-CAT28LV65T13I-25T Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28LV65T13I-30T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65B CATALYST-CAT28C65B Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com