Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8663JB-BC Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8663JB-BC
Description  LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8663JB-BC Datasheet(HTML) 6 Page - California Eastern Labs

  NX8663JB-BC Datasheet HTML 1Page - California Eastern Labs NX8663JB-BC Datasheet HTML 2Page - California Eastern Labs NX8663JB-BC Datasheet HTML 3Page - California Eastern Labs NX8663JB-BC Datasheet HTML 4Page - California Eastern Labs NX8663JB-BC Datasheet HTML 5Page - California Eastern Labs NX8663JB-BC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
All trademarks and registered trademarks are the property of their respective owners.
C - 1
Revision History
NX8663JB-BC Data Sheet
Description
Rev.
Date
Page
Summary
1.00
Jul 05, 2012
First edition issued


Similar Part No. - NX8663JB-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8663JB-BC RENESAS-NX8663JB-BC Datasheet
676Kb / 7P
   LASER DIODE
Jul 05, 2012
NX8663JB-BC RENESAS-NX8663JB-BC_15 Datasheet
113Kb / 7P
   LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
More results

Similar Description - NX8663JB-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8663JB-BC RENESAS-NX8663JB-BC_15 Datasheet
113Kb / 7P
   LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC_15 Datasheet
152Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC Datasheet
160Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
NX7363JB-BC RENESAS-NX7363JB-BC Datasheet
158Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
NEC
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
logo
California Eastern Labs
NX7563JB-BC CEL-NX7563JB-BC Datasheet
978Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com