Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8601BF-AA Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8601BF-AA
Description  LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8601BF-AA Datasheet(HTML) 4 Page - California Eastern Labs

  NX8601BF-AA Datasheet HTML 1Page - California Eastern Labs NX8601BF-AA Datasheet HTML 2Page - California Eastern Labs NX8601BF-AA Datasheet HTML 3Page - California Eastern Labs NX8601BF-AA Datasheet HTML 4Page - California Eastern Labs NX8601BF-AA Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NX8601BF-AA
Chapter Title
R08DS0109EJ0100 Rev.1.00
Page 4 of 4
Apr 19, 2013
SAFETY INFORMATION ON THIS PRODUCT
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM
OUTPUT POWER
mW MAX
WAVELENGTH
nm
CLASS lllb LASER PRODUCT
AVOID EXPOSURE-Invisible
Laser Radiation is emitted from
this aperture
SEMICONDUCTOR LASER
Warning
Laser Beam
A laser beam is emitted from this diode during operation.
The laser beam, visible or invisible, directly or indirectly, may cause injury to the eye or loss of
eyesight.
• Do not look directly into the laser beam.
• Avoid exposure to the laser beam, any reflected or collimated beam.
Caution
GaAs Products
This product uses gallium arsenide (GaAs).
GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe
the following points.
• Follow related laws and ordinances when disposing of the product. If there are no applicable laws
and/or ordinances, dispose of the product as recommended below.
1. Commission a disposal company able to (with a license to) collect, transport and dispose of
materials that contain arsenic and other such industrial waste materials.
2. Exclude the product from general industrial waste and household garbage, and ensure that the
product is controlled (as industrial waste subject to special control) up until final disposal.
• Do not burn, destroy, cut, crush, or chemically dissolve the product.
• Do not lick the product or in any way allow it to enter the mouth.
Caution
Optical Fiber
A glass-fiber is attached on the product. Handle with care.
• When the fiber is broken or damaged, handle carefully to avoid injury from the damaged part
or fragments.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NX8601BF-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8601BF-AA RENESAS-NX8601BF-AA Datasheet
751Kb / 6P
   LASER DIODE
Apr 19, 2013
NX8601BF-AA RENESAS-NX8601BF-AA_15 Datasheet
185Kb / 6P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results

Similar Description - NX8601BF-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8369TS CEL-NX8369TS Datasheet
213Kb / 9P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX8601BF-AA RENESAS-NX8601BF-AA_15 Datasheet
185Kb / 6P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX8349TB CEL-NX8349TB Datasheet
242Kb / 8P
   LASER DIODE 1 650 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX8602BF-AA RENESAS-NX8602BF-AA_15 Datasheet
184Kb / 6P
   LASER DIODE 1 650 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA RENESAS-NX7639BB-AA_15 Datasheet
201Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX8602BF-AA CEL-NX8602BF-AA Datasheet
622Kb / 5P
   LASER DIODE 1 650 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7637BF-AA RENESAS-NX7637BF-AA_15 Datasheet
200Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA RENESAS-NX7639BB-AA Datasheet
201Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7637BF-AA CEL-NX7637BF-AA Datasheet
182Kb / 5P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA CEL-NX7639BB-AA Datasheet
183Kb / 5P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com