Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-141 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # 4-141
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button 4-141 Datasheet HTML 69Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 70Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 71Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 72Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 73Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 74Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 75Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 76Page - List of Unclassifed Manufacturers 4-141 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 282 page
background image
Edge Connector
Accessories
Card Guides
Polarizing Keys
2-72
Card Guides
Card guide for .100" (2.54mm) and .156" (3.96mm) density edge connectors. Accepts .062" (1.59mm) thick PC boards.
Card guides attach to mounting ears and guide printed circuit board into connector. Order separately.
Material: Polypropylene
Part No. 50-GP-1 (Green)
Part No. 50-GP-1B (Black)
Polarizing Keys
Style A
Style B
Style C
Style D
Description
Connector Family
Material
Style
Catalog No.
Between-contact type
.156"
Cellulose acetate
B
50-PK
In-contact type
.156"
Thermoset plastic
B
50-PK1
Between-contact type
.156"
Glass epoxy
A
50-PK2
Between-contact type
.156"
Glass epoxy
D
50-PK2M
Between-contact type
.100"
Glass-filled nylon
C
50-PK3
In-contact type
.156"
Thermoplastic
B
50-PK4
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 4-141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-4 ETC2-4-141-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-6 ETC2-4-141-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-8 ETC2-4-141-8 Datasheet
10Mb / 64P
   Every edding a specialist
logo
TE Connectivity Ltd
4-1414977-8 TEC-4-1414977-8 Datasheet
577Kb / 3P
   Power Relay F4 A
logo
Tyco Electronics
4-1414992-3 MACOM-4-1414992-3 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
More results

Similar Description - 4-141

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com