Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-141 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # 7-141
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7-141 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button 7-141 Datasheet HTML 90Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 91Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 92Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 93Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 94Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 95Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 96Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 97Page - List of Unclassifed Manufacturers 7-141 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 282 page
background image
3-17
3
Call Toll Free: 1 (800) 323-9612
CN1020 Series (C48 Family)
Vibration-Proof Plug Connector
Bayonet Coupling
CN1020-XXXXXXXX
BACC63CB1
Ordering Information2
CN1020 A 10 G 05 P N - 000
Series Designation
CN1020
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, 24, 26, 28
Environmental Class
A - Anodized Aluminum
G - Cadmium//Nickel-Plated Aluminum
Order Code (Deviations)
1
000 - Less Contacts
100 - * See below
200 - With Gold-Plated Contacts
Alternate Shell Positions
N, 6, 7, 8, 9, 10
Per table on page 3-4.
Contact Style
P - Pin
S - Socket
Insert Arrangements
(See page 3-4)
Notes:
1
For Boeing Specification, see page 3-14.
2
For modification, classes, etc., not listed, consult factory.
* Th’d: UNS-2A
** Size 28 = 1.395 (35.434)
* Former order code - 100 designated rhodium plated contacts
Series Modification
A - Standard Plug
Dimensions
AB
C
Shell
+ .005 (.127)
Max. Dia.
Thread
Size
in
mm
in
mm
UNEF-2A
8
.765
19.447
.306
7.773
.500-20
10
.967
24.561
.371
9.423
.625-24
12
1.078
27.381
.547
13.894
.750-20
14
1.187
30.149
.613
15.570
.875-20
16
1.309
33.248
.758
19.253
1.000-20
18
1.375
34.925
.865
21.971
1.0625-18
20
1.505
38.227
.986
25.044
1.1875-18
22
1.625
41.275
1.106
28.092
1.3125-18
24
1.755
44.577
1.235
31.369
1.4375-18
28
2.161
54.889
1.485
37.719
1.750-18*
1.345* *
(34.164)
Max.
360° LOCKING
ACCESSORY TEETH


Similar Part No. - 7-141

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1414778-3 MACOM-7-1414778-3 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
7-1414967-8 MACOM-7-1414967-8 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
logo
TE Connectivity Ltd
7-1414985-1 TEC-7-1414985-1 Datasheet
577Kb / 3P
   Power Relay F4 A
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Similar Description - 7-141

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com