Electronic Components Datasheet Search |
|
595D6871010R23 Datasheet(PDF) 10 Page - Vishay Siliconix |
|
595D6871010R23 Datasheet(HTML) 10 Page - Vishay Siliconix |
10 / 24 page Typical Performance Characteristics www.vishay.com Vishay Sprague Revision: 03-Feb-14 1 Document Number: 40088 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Typical Performance Characteristics Tantalum Capacitors Notes • All information presented in this document reflects typical performance characteristics. (1) Capacitance values 15 μF and higher. (2) For 293D and TR3 only. CAPACITOR ELECTRICAL PERFORMANCE CHARACTERISTICS ITEM PERFORMANCE CHARACTERISTICS Category temperature range -55 °C to +85 °C (to +125 °C with voltage derating) Capacitance tolerance ± 20 %, ± 10 % (at 120 Hz) 2 VRMS (max.) at +25 °C using a capacitance bridge Dissipation factor Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz ESR Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz Leakage current After application of rated voltage applied to capacitors for 5 min using a steady source of power with 1 k resistor in series with the capacitor under test, leakage current at 25 °C is not more than 0.01 CV or 0.5 μA, whichever is greater. Note that the leakage current varies with temperature and applied voltage. See graph below for the appropriate adjustment factor. Capacitance change by temperature +12 % max. (at +125 °C) +10 % max. (at +85 °C) -10 % max. (at -55 °C) For capacitance value > 300 μF +20 % max. (at +125 °C) +15 % max. (at +85 °C) -15 % max. (at -55 °C) Reverse voltage Capacitors are capable of withstanding peak voltages in the reverse direction equal to: 10 % of the DC rating at +25 °C 5 % of the DC rating at +85 °C Vishay does not recommend intentional or repetitive application of reverse voltage Temperature derating If capacitors are to be used at temperatures above +25 °C, the permissible RMS ripple current or voltage shall be calculated using the derating factors: 1.0 at +25 °C 0.9 at +85 °C 0.4 at +125 °C Operating temperature +85 °C +125 °C RATED VOLTAGE (V) SURGE VOLTAGE (V) RATED VOLTAGE (V) SURGE VOLTAGE (V) 4 5.2 2.7 3.4 6.3 8 4 5 10 13 7 8 16 20 10 12 20 26 13 16 25 32 17 20 35 46 23 28 50 65 33 40 50 (1) 60 33 40 63 76 42 50 75 (2) 75 50 50 |
Similar Part No. - 595D6871010R23 |
|
Similar Description - 595D6871010R23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |