Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61F-HSL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # 61F-HSL
Description  Floatless Level Controller (Ultra High-sensitivity Type) 61F-UHS/-HSL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

61F-HSL Datasheet(HTML) 1 Page - Omron Electronics LLC

  61F-HSL Datasheet HTML 1Page - Omron Electronics LLC 61F-HSL Datasheet HTML 2Page - Omron Electronics LLC 61F-HSL Datasheet HTML 3Page - Omron Electronics LLC 61F-HSL Datasheet HTML 4Page - Omron Electronics LLC 61F-HSL Datasheet HTML 5Page - Omron Electronics LLC 61F-HSL Datasheet HTML 6Page - Omron Electronics LLC 61F-HSL Datasheet HTML 7Page - Omron Electronics LLC 61F-HSL Datasheet HTML 8Page - Omron Electronics LLC 61F-HSL Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
Floatless Level Controller (Ultra High-sensitivity Type)
61F-UHS/-HSL
Ideal for Detecting Ice, Pure Water, or
Humidity
• Applicable for detecting ice, pure water steam, humidity, or other
substances that conduct electricity poorly.
• Two types of model available: Ultra high-sensitivity and variable
ultra high-sensitivity.
Refer to Safety Precautions for Floatless Level
Controllers.
■ Ordering Information
■ Ultra High-sensitivity Models
Use these models for sensing objects such as ice, high-purity distilled water, moisture, or other objects with low electrical conductivity.
Specifications
Note: 1. Use 61F-UHS for detecting water leakage with high specific resistance. Connect a sensor cable between terminals 1 and 7.
2. Two Electrodes can be connected to the 61F-HSL. Use them for an alarm, not for creating a self-holding circuit.
3. The length when using completely-insulated, 600-V, 3-conductor (0.75 mm2) cabtire cables. Usable cable lengths will become shorter as
the cable diameter or number of conductors becomes larger. For more details, refer to Safety Precautions for Floatless Level Controllers.
4. It is recommended that the cable length be kept as short as possible since the Electrode circuit current is at DC micro-current level. More-
over, the Electrodes will corrode rapidly if the current is allowed to constantly flow between the Electrodes.
Be careful with the electrode polarity and grounding when wiring.
Type
Ultra high-sensitivity
Variable ultra high-
sensitivity
Model
Model
Ultra high-
sensitivity
61F-UHS
61F-HSL
61F-UHS
61F-HSL
Item
High-sensitivity 61F-UHS
Variable high-sensitivity 61F-HSL
Supply voltage
100, 200, or 220 VAC; 50/60 Hz
24, 100, 110, 200, or 220 VAC; 50/60 Hz
Operating voltage range
85% to 110% of rated voltage
Interelectrode voltage
24 VAC
13 VDC max.
Interelectrode current
Approx. 1 mA AC max.
Approx. 1 mA DC max.
Power consumption
3.2 VA max.
Interelectrode operate resistance
0 to approx. 1 M
(see note 1)
0 to approx. 5 M
(variable)
Interelectrode release resistance
Approx. 5 M to
Operate resistance + 2.5 M
max.
Cable length
5 m (see note 2)
(see note 3)
Control output
0.3 A, 220 VAC (Inductive load: cos = 0.4)
1 A, 220 VAC (Resistive load)
2 A, 220 VAC (Inductive load: cos = 0.4)
5 A, 220 VAC (Resistive load)
Ambient temperature
Operating:–10 C to 55 C
Ambient humidity
Operating:45% to 85% RH
Insulation resistance
100 M
max. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min
Life expectancy
Electrical:
50,000 operations min.
Mechanical: 5,000,000 operations min.
Electrical:
500,000 operations min.
Mechanical: 5,000,000 operations min.
Weight
Approx. 210 g


Similar Part No. - 61F-HSL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61F-041-K MSYSTEM-61F-041-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K/Q MSYSTEM-61F-041-K/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R MSYSTEM-61F-041-R Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R/Q MSYSTEM-61F-041-R/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-042-K MSYSTEM-61F-042-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61F-HSL

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
   FLOATLESS LEVEL RELAY
logo
Omron Electronics LLC
61F-GP-NX OMRON-61F-GP-NX Datasheet
1Mb / 15P
   Floatless Level Switch
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
   Floatless Level Switch (Compact, Plug-in Type)
logo
NXP Semiconductors
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
   UCODE HSL
October 2003
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
   UCODE HSL
Rev. 3.1-9 July 2012
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Sharp Corporation
GP1L01 SHARP-GP1L01 Datasheet
137Kb / 4P
   High Sensitivity Type Photolnterrupter
PC715V SHARP-PC715V Datasheet
66Kb / 4P
   High Sensitivity Type Photocoupler
logo
ebm-papst
R3G630-AC05-61F EBMPAPST-R3G630-AC05-61F Datasheet
1Mb / 2P
   R3G630-AC05-61F
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
   Surface mounted device type, Moisture sensitivity level 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com