Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM23088AUB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM23088AUB
Description  2.00 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23088AUB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM23088AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23088AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23088AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121835
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM23088A (Common Cathode Row)
LM23088B (Common Anode Row)
8
5
7
6
2
7
4
5
3
12
1
8
5
8
3
5
4
6
7
2
7
12
1
8
COL.
PIN
NO.
ROW
2
1
14
NO.
PIN
9
1
13
2
3
3
4
4
10
5
6
6
11
7
15
8
16
2
ROW
1
14
NO.
NO.
PIN
9
COL.
NO.
PIN
13
1
3
2
4
3
10
4
6
5
11
6
15
7
16
8
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM23088AR
LM23088BR
GaAlAs
Super Red
640
8
10
LM23088AD
LM23088BD
GaAlAs
Hi-Red
640
18
25
LM23088AO
LM23088BO
GaAsP
Orange
625
7
9
LM23088AY
LM23088BY
GaAsP
Yellow
588
8
10
LM23088AG
LM23088BG
GaP
Green
568
7
9
LM23088AUR
LM23088BUR
AlGaInP
Ultra Red
640
30
45
LM23088AUO
LM23088BUO
AlGaInP
Ultra Orange
625
45
60
LM23088AUA
LM23088BUA
AlGaInP
Ultra Amber
605
30
45
LM23088AUY
LM23088BUY
AlGaInP
Ultra Yellow
595
30
45
LM23088AUG
LM23088BUG
AlGaInP
Ultra Green
573
30
45
LM23088APG
LM23088BPG
InGaN
Pure Green
525
120
300
LM23088AUB
LM23088BUB
InGaN
Ultra Blue
470
30
45
LM23088AUW
LM23088BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM23088AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088AURUG LIGHTKEY-LM23088AURUG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23088AUY LIGHTKEY-LM23088AUY Datasheet
188Kb / 3P
   LM23088A/BUY ??2.30 inch 8x8 Ultra Yellow Dot Matrix LED Display
More results

Similar Description - LM23088AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088ABRG LIGHTKEY-LM20088ABRG Datasheet
276Kb / 3P
   2.00 inch 8x8 Dual Color Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com