Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-141-Y Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 4-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-Y Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 4-141-Y Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 282 page
background image
2-26
Call Toll Free: 1 (800) 323-9612
Barrier Blocks
Series 542
.563 Density, 8-32 x 5/16"
BH Screw, Closed Bottom,
Double Row
Electrical Characteristics
Voltage Rating: 600 Volts maximum
Current Rating: 30 Amps
Maximum Watts Per Terminal: 7500
Mechanical Characteristics
Maximum Wire Size: #10
Recommended Tightening Torque: 16 lb.-in.
Dimensions
Ordering Information
Marketed exclusively through distribution.
No. of
“M”
“L”
Marker Strip
Terminals
Catalog No.
Dim. (in)
Dim. (in)
Catalog No.
2
2-542
1.689
2.095
MSX-2-542
3
3-542
2.252
2.658
MSX-3-542
4
4-542
2.815
3.221
MSX-4-542
5
5-542
3.378
3.784
MSX-5-542
6
6-542
3.941
4.347
MSX-6-542
7
7-542
4.504
4.910
MSX-7-542
8
8-542
5.067
5.473
MSX-8-542
9
9-542
5.630
6.036
MSX-9-542
10
10-542
6.193
6.599
MSX-10-542
11
11-542
6.756
7.162
MSX-11-542
12
12-542
7.319
7.725
MSX-12-542
13
13-542
7.882
8.288
MSX-13-542
14
14-542
8.445
8.851
MSX-14-542
15
15-542
9.008
9.414
MSX-15-542
16
16-542
9.571
9.977
MSX-16-542
17
17-542
10.134
10.540
MSX-17-542
18
18-542
10.697
11.103
MSX-18-542
19
19-542
11.260
11.666
MSX-19-542
20
20-542
11.823
12.229
MSX-20-542
21
21-542
12.386
12.792
MSX-21-542
22
22-542
12.949
13.355
MSX-22-542
23
23-542
13.512
13.918
MSX-23-542
24
24-542
14.075
14.481
MSX-24-542
25
25-542
14.638
15.044
MSX-25-542
26
26-542
15.201
15.607
MSX-26-542


Similar Part No. - 4-141-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-4 ETC2-4-141-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-6 ETC2-4-141-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-8 ETC2-4-141-8 Datasheet
10Mb / 64P
   Every edding a specialist
More results

Similar Description - 4-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com