Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-141-Y Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # 4-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-Y Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button 4-141-Y Datasheet HTML 65Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 66Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 67Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 68Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 69Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 70Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 71Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 72Page - List of Unclassifed Manufacturers 4-141-Y Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 282 page
background image
2-67
Call Toll Free: 1 (800) 323-9612
Edge Connector
High Reliability
.156" (3.96mm) Density Dip
Solder/Solder Eyelet
Dimensions
No. of
A
B
C
D
Pos./Cont.
in
mm
in
mm
in
mm
in
mm
6
1.100
27.94
1.239
31.47
1.531
38.80
1.785
45.34
10
1.724
43.79
1.864
47.35
2.156
54.76
2.410
61.21
12
2.036
51.71
2.177
55.30
2.469
62.71
2.723
69.16
15
2.504
63.60
2.645
67.18
2.937
74.60
3.191
81.05
18
2.972
75.49
3.114
79.10
3.406
86.51
3.660
92.96
20
3.286
83.46
3.427
87.05
3.719
94.46
3.973
100.91
22
3.596
91.34
3.739
94.97
4.031
102.39
4.285
108.84
25
4.067
103.30
4.208
106.88
4.500
114.30
4.754
120.75
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612
Single Readout
Double Readout
With Plain Mounting Holes


Similar Part No. - 4-141-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-4 ETC2-4-141-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-6 ETC2-4-141-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-8 ETC2-4-141-8 Datasheet
10Mb / 64P
   Every edding a specialist
More results

Similar Description - 4-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com