Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G66 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1G66
Description  74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G66 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G66 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
6 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital signals only, when using this supply voltage.
10.3 ON resistance test circuit and graphs
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7 [1]
.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Typ
max
Max
Max
74AHC1G66 and 74AHCT1G66
RON(peak) ON resistance
(peak)
VI =VCC to GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
148[1]
--
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
28
50
70
110
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
30
40
60
RON(rail)
ON resistance
(rail)
VI = GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
30
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
20
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
22
26
40
VI =VCC; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
28
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
18
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
13
22
26
40
RON =VSW / ISW.Tamb =25 °C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage
001aag490
VI
VIH
VCC
GND
Z
Y
E
VSW
ISW
0246
VI (V)
RON
(
Ω)
40
30
10
0
20
mna630
VCC = 3.0 V
4.5 V
5.5 V


Similar Part No. - 74AHC1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66 PHILIPS-74AHC1G66 Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHC1G66 NEXPERIA-74AHC1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
logo
NXP Semiconductors
74AHC1G66GV PHILIPS-74AHC1G66GV Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
More results

Similar Description - 74AHC1G66

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com