Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-141-Y Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 7-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7-141-Y Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 7-141-Y Datasheet HTML 7Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 8Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 9Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 10Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 11Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 12Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 13Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 14Page - List of Unclassifed Manufacturers 7-141-Y Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 282 page
background image
Barrier Blocks
Series 140
Electrical Characteristics
Voltage Rating: 250 VAC RMS maximum
Current Rating: 15 Amps maximum
Maximum Watts Per Terminal: 3750
Mechanical Characteristics
Maximum Wire Size: #16 AWG
Recommended Tightening Torque: 9 lb.-in.
Dimensions
No. of
Standard Screw
“M”
“L”
Terminals
Catalog No.
Dim.
Dim.
1
1-140
.750
1.032
2
2-140
1.125
1.407
3
3-140
1.500
1.782
4
4-140
1.875
2.157
5
5-140
2.250
2.532
6
6-140
2.625
2.907
7
7-140
3.000
3.282
8
8-140
3.375
3.657
9
9-140
3.750
4.032
10
10-140
4.125
4.407
11
11-140
4.500
4.782
12
12-140
4.875
5.157
13
13-140
5.250
5.532
14
14-140
5.625
5.907
15
15-140
6.000
6.282
16
16-140
6.375
6.657
17
17-140
6.750
7.032
18
18-140
7.125
7.407
19
19-140
7.500
7.782
20
20-140
7.875
8.157
21
21-140
8.250
8.532
22
22-140
8.625
8.907
23
23-140
9.000
9.282
24
24-140
9.375
9.657
25
25-140
9.750
10.032
.375 Density, 5-40 x 3/16"
BH Screw, Open Bottom,
Double Row
2-4
Call Toll Free: 1 (800) 323-9612
Marketed exclusively through distribution.
Ordering Information


Similar Part No. - 7-141-Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1414778-3 MACOM-7-1414778-3 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
7-1414967-8 MACOM-7-1414967-8 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
logo
TE Connectivity Ltd
7-1414985-1 TEC-7-1414985-1 Datasheet
577Kb / 3P
   Power Relay F4 A
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Similar Description - 7-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com