Electronic Components Datasheet Search
Selected language     English  ▼


8-141-Y Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. 8-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
Barrier Blocks
Series 140
Electrical Characteristics
Voltage Rating: 250 VAC RMS maximum
Current Rating: 15 Amps maximum
Maximum Watts Per Terminal: 3750
Mechanical Characteristics
Maximum Wire Size: #16 AWG
Recommended Tightening Torque: 9 lb.-in.
Dimensions
No. of
Standard Screw
“M”
“L”
Terminals
Catalog No.
Dim.
Dim.
1
1-140
.750
1.032
2
2-140
1.125
1.407
3
3-140
1.500
1.782
4
4-140
1.875
2.157
5
5-140
2.250
2.532
6
6-140
2.625
2.907
7
7-140
3.000
3.282
8
8-140
3.375
3.657
9
9-140
3.750
4.032
10
10-140
4.125
4.407
11
11-140
4.500
4.782
12
12-140
4.875
5.157
13
13-140
5.250
5.532
14
14-140
5.625
5.907
15
15-140
6.000
6.282
16
16-140
6.375
6.657
17
17-140
6.750
7.032
18
18-140
7.125
7.407
19
19-140
7.500
7.782
20
20-140
7.875
8.157
21
21-140
8.250
8.532
22
22-140
8.625
8.907
23
23-140
9.000
9.282
24
24-140
9.375
9.657
25
25-140
9.750
10.032
.375 Density, 5-40 x 3/16"
BH Screw, Open Bottom,
Double Row
2-4
Call Toll Free: 1 (800) 323-9612
Marketed exclusively through distribution.
Ordering Information




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl