Selected language     English  ▼


8-141-Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 8-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
Contact Material: Molybdenum
CIN::APSE Contact Plating: Gold
Plunger Material: Copper alloy
Plunger Plating: Gold
Insulator Material: Liquid crystal polymer
Packaging Tray Material: Anti-static ABS
Button-Only Configuration with 0.020" (0.5 mm) Diameter
DC Resistance:
15m
Ω average
Inductance:
Less than 1 nH
Current-Carrying Capability:
Up to 3 Amps.
Insulation Resistance:
25,000 Meg
Ω @ 500 VDC
Dielectric Withstanding Voltage:
900 VAC at sea level
Button-Only Configuration with 0.020" (0.5 mm) Diameter
Temperature Life Testing: 1000 Hours @ 200°C
Thermal Shock: 2,000 Cycles @ 20°C to 110°C
Humidity: 5,000 Hours @ 30°C to 80°C, 80% RH
Salt Spray: 96 Hours
Low Temperature: Operates in liquid nitrogen (77°K)
Bellcore TR-NWT-001217: Passed with plungers
Button-Only Configuration with 0.020" (0.5 mm) diameter
Durability: 25,000 Z-axis actuations (CIN::APSE contact only)
Shock: 100 Gs; 6 milliseconds, no discontinuity
greater than 2 nanoseconds
Vibration: 20 Gs; 10-20,000 Hz; no discontinuity
greater than 2 nanoseconds
■ High signal speed capability enabling frequencies greater than 20 GHz.
■ Z-Axis, solderless, compression mount interconnect system.
■ Applications include production Land Grid Array (LGA) integrated circuit sockets, flex circuit to
PCB, and parallel PCB to PCB interconnections.
■ Provides solutions to many of the problems associated with through hole and surface mount
soldered technology.
■ Enables upgrade and system maintenance strategies.
■ Available in custom I/O configurations and I/O counts from 1 to over 5,000.
■ Offers low profile capabilities with compressed signal path length as short as 0.8 mm.
■ Contact centerline spacing of 1mm or greater.
■ Excellent reliability in commercial, military, and aerospace applications.
■ Application can result in lower installed and system maintenance costs.
IC Component to Board Socket (LGA)
Flex Circuit to PCB
1-1
Call Toll Free: 1 (800) 323-9612
CIN::APSE®
High-Speed Interconnect Technology




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl