Selected language     English  ▼


8-141-Y Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. 8-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 8 page
background image
2-1
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Commercial
Introduction
2
Call Toll Free: 1 (800) 323-9612
Cinch Commercial Products, consisting of Jones Plugs and Sockets, Barrier Blocks, Edge Cards, Two-Piece Commercial Dins,
Mini Din Plugs, and their newest addition the 75
Ω Press-Fit BNC Receptacle, provide a wide variety of connectors for the
purchaser and designer to chose from.
The Jones Plugs and Sockets have been utilized for decades and provide a quick, reliable, and economical means of solving
your higher current-carrying capacity needs. Available in two series (300 and 2,400), these connectors can be found in data
processing controls; amusement and vending machines; medical, communication, and test equipment; as well as industrial
controls and heavy-duty, battery-powered equipment. Both series are available in a variety of cable and panel
mounting options.
Cinch Barrier Blocks are designed to simplify wiring work by reducing splicing, preventing current leaks and short circuits, and
increasing insulation. Available in a variety of densities, these barrier blocks can be found in applications ranging from industrial
controls to switching systems.
Designed specially for applications where space is at a premium, the Cinch Mini Din family is ideal for personal computers,
keyboard-mouse interface, hand-held electronic equipment, office-automation equipment, and audio and video equipment.
Available in sizes 3 through 8 contact, the Cinch Mini Din family includes a fully shielded cable mounted plug in various cable
lengths or cable mounted plug components for customers with high-volume assembly and overmold capabilities.
Cinch Edge Card Connectors are available in a variety of styles on both .100 or .156 center spacing.
The newest addition to the commercial family, the 75
Ω Press-Fit BNC Receptacle is designed around a unique patented press-fit
design that allows for multiple insertion into a backplane without loss of mechanical retention or electrical performance.
When looking for time reliability to solve your commercial interconnect needs, look no further than Cinch Connectors.
Whether it's a Jones Plug and Socket, Barrier Block, Edge Card, Mini Din plug, or our newest addition,
the 75
Ω BNC Press-Fit connector, you will always know years of customer satisfaction stand behind the product you chose.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl