Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-141-Y Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # 9-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9-141-Y Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 9-141-Y Datasheet HTML 63Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 64Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 65Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 66Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 67Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 68Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 69Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 70Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 282 page
background image
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
2
2-65
CARDCON
Edge Connector
Commercial
.156" (3.96mm) Density
Dip Solder/Solder Eyelet
Ordering Information
No. of
Less Mounting Ears .128 Mounting Hole
No. of
Less Mounting Ears .128 Mounting Hole No. of
Less Mounting Ears .128 Mounting Hole
Pos./Cont. Catalog No.
Catalog No.
Pos./Cont. Catalog No.
Catalog No.
Pos./Cont. Catalog No.
Catalog No.
Dip solder tails, single readout, .156" (3.96mm)
Dip solder tails, double readout, .140" (3.55mm) row
Solder eyelet, single readout
long
spacing, .125" (3.18mm) long
6/6
50-6SN-8
50-6SN-7
6/6
50-6SN-6
50-6SN-5
6/12
50-12SN-4
50-12SN-2
10/10
50-10SN-8
50-10SN-7
10/10
50-10SN-6
50-10SN-5
10/20
50-20SN-4
50-20SN-2
12/12
50-12SN-8
50-12SN-7
12/12
50-12SN-6
50-12SN-5
12/24
50-24SN-4
50-24SN-2
15/15
50-15SN-8
50-15SN-7
15/15
50-15SN-6
50-15SN-5
15/30
50-30SN-4
50-30SN-2
18/18
50-18SN-8
50-18SN-7
18/18
50-18SN-6
50-18SN-5
18/36
50-36SN-4
50-36SN-2
22/22
50-22SN-8
50-22SN-7
22/22
50-22SN-6
50-22SN-5
22/24
50-44SN-4
50-44SN-2
24/24
50-24SN-8
50-24SN-7
24/24
50-24SN-6
20-24SN-5
24/48
50-48SN-4
50-48SN-2
25/25
50-25SN-8
50-25SN-7
25/25
50-25SN-6
50-25SN-5
25/50
50-50SN-4
50-50SN-2
Solder eyelet, double readout, .200" (5.08mm)
Dip solder tails, double readout, .200" (5.08mm)
Dip solder tails with unique board retention feature
row spacing
row spacing, .156" (3.96mm) long
.200" (5.08mm) row spacing, .156" (3.96mm) long
6/12
50-12SN-10
50-12SN-9
6/12
50-12SN-3
50-12SN-1
6/12
50-12SN-3R
50-12SN-1R
10/20
50-20SN-10
50-20SN-9
10/20
50-20SN-3
50-20SN-1
10/20
50-20SN-3R
50-20SN-1R
12/24
50-24SN-10
50-24SN-9
12/24
50-24SN-3
50-24SN-1
12/24
50-24SN-3R
50-24SN-1R
15/30
50-30SN-10
50-30SN-9
15/30
50-30SN-3
50-30SN-1
15/30
50-30SN-3R
50-30SN-1R
18/36
50-36SN-10
50-36SN-9
18/36
50-36SN-3
50-36SN-1
18/36
50-36SN-3R
50-36SN-1R
22/24
50-44SN-10
50-44SN-9
22/44
50-44SN-3
50-44SN-1
22/44
50-44SN-3R
50-44SN-1R
24/28
50-48SN-10
50-48SN-9
24/48
50-48SN-3
50-48SN-1
24/48
50-48SN-3R
50-48SN-1R
25/50
50-50SN-10
50-50SN-9
25/50
50-50SN-3
50-50SN-1
25/50
50-50SN-3R
50-50SN-1R
Dimensions
No. of
A
B
C
D
Pos./Cont.
In
mm
in
mm
in
mm
in
mm
6/12
1.785
45.34
1.531
38.89
1.239
31.47
1.100
27.94
10/20
2.410
61.21
2.156
54.76
1.874
47.34
1.724
43.79
12/24
2.723
69.16
2.469
62.71
2.177
55.30
2.036
51.71
15/30
3.191
81.05
2.937
74.60
2.645
67.18
2.504
63.60
18/36
3.660
92.96
3.406
86.51
3.114
79.10
2.972
75.49
22/44
4.285
108.84
4.031
102.39
3.739
94.94
3.596
91.34
24/48
4.598
116.79
4.344
110.34
4.052
102.92
3.911
99.34
25/50
4.754
120.75
4.500
114.30
4.208
106.88
4.067
103.30
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 9-141-Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1411325-2 MACOM-9-1411325-2 Datasheet
5Mb / 64P
   GET.64 Interconnection System
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
TE Connectivity Ltd
9-1415001-1 TEC-9-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
9-1415002-1 TEC-9-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
9-1415006-1 MACOM-9-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
More results

Similar Description - 9-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com