Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM23088BPG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LM23088BPG
Description  2.00 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23088BPG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM23088BPG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23088BPG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23088BPG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121835
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 8x8 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LM23088BPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088BRG LIGHTKEY-LM23088BRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
LM23088BURUG LIGHTKEY-LM23088BURUG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23088BUY LIGHTKEY-LM23088BUY Datasheet
188Kb / 3P
   LM23088A/BUY ??2.30 inch 8x8 Ultra Yellow Dot Matrix LED Display
More results

Similar Description - LM23088BPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088ABRG LIGHTKEY-LM20088ABRG Datasheet
276Kb / 3P
   2.00 inch 8x8 Dual Color Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com