Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D4751050D2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 593D4751050D2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D4751050D2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 593D4751050D2 Datasheet HTML 6Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 7Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 8Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 9Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 10Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 11Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 12Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 13Page - Vishay Siliconix 593D4751050D2 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 27-Jun-12
31
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMMERCIAL PRODUCTS
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
293D
793DE-793DX-
CTC3-CTC4
593D
TR3
TP3
TL3
PRODUCT IMAGE
TYPE
Surface mount TANTAMOUNT®, molded case
FEATURES
Standard
industrial grade
CECC approved
Low ESR
Low ESR
High performance,
automotive grade
Very low DCL
TEMPERATURE
RANGE
- 55 °C to + 125 °C
CAPACITANCE
RANGE
0.1 μF to 1000 μF
0.1 μF to 100 μF
1 μF to 470 μF
0.47 μF to 1000 μF
0.1 μF to 470 μF
0.1 μF to 470 μF
VOLTAGE RANGE
4 V to 63 V
4 V to 50 V
4 V to 50 V
4 V to 63 V
4 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
0.005 CV or
0.25 μA,
whichever is
greater
DISSIPATION
FACTOR
4 % to 30 %
4 % to 6 %
4 % to 15 %
4 % to 30 %
4 % to 15 %
4 % to 15 %
CASE CODES
A, B, C, D, E, V
A, B, C, D
A, B, C, D, E
A, B, C, D, E, V, W
A, B, C, D, E
A, B, C, D, E
TERMINATION
100 % matte tin standard, tin/lead available
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
TH3
TH4
TH5
893D
TF3
PRODUCT IMAGE
TYPE
Surface mount TANTAMOUNT®, molded case
FEATURES
High temperature
+ 150 °C,
automotive grade
High temperature
+ 175 °C,
automotive grade
Very high temperature
+ 200 °C
Built-in fuse
Built-in fuse,
low ESR
TEMPERATURE
RANGE
- 55 °C to + 150 °C
- 55 °C to + 175 °C
- 55 °C to + 200 °C
- 55 °C to + 125 °C
CAPACITANCE
RANGE
0.33 μF to 220 μF
10 μF to 47 μF
10 μF
0.47 μF to 680 μF
0.47 μF to 470 μF
VOLTAGE RANGE
6.3 V to 50 V
6.3 V to 16 V
21 V
4 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
4 % to 8 %
4.5 % to 6 %
6 %
6 % to 15 %
6 % to 15 %
CASE CODES
A, B, C, D, E
B, C
E
C, D, E
C, D, E
TERMINATION
100 % matte tin
standard, tin/lead and
gold plated available
100 % matte tin
Gold plated
100 % matte tin standard, tin/lead available


Similar Part No. - 593D4751050D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X0010A VISHAY-593D475X0010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0016A VISHAY-593D475X0016A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0016B VISHAY-593D475X0016B Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0020A VISHAY-593D475X0020A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0020B VISHAY-593D475X0020B Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results

Similar Description - 593D4751050D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com