Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM23058DPG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LM23058DPG
Description  2.30 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23058DPG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM23058DPG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23058DPG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23058DPG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121833
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 5x8 Dot Matrix LED Display
LM23058C/D Series – 2.30 inch 5x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
60.60 mm (2.30 inch) matrix height
Dot size: Diameter 5.00 mm
Pitch: 7.62 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
PIN 1
45.72
37.80
7.62*4=30.48
2.54*6=15.24
5
6
8
7
1
COL.
5
1
2
ROW
4
3
2
4
3
0.60
5.0
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LM23058DPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23058DRG LIGHTKEY-LM23058DRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM23058DURUG LIGHTKEY-LM23058DURUG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
More results

Similar Description - LM23058DPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CDRG LIGHTKEY-LM23058CDRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM23058ABRG LIGHTKEY-LM23058ABRG Datasheet
114Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2124-11A MARKTECH-MTAN2124-11A Datasheet
45Kb / 1P
   Marktech 2.30 5x8 Dot Matrix
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com