Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

595D6861016D23 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 595D6861016D23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D6861016D23 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 595D6861016D23 Datasheet HTML 7Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 8Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 9Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 10Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 11Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 12Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 13Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 14Page - Vishay Siliconix 595D6861016D23 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 03-Feb-14
2
Document Number: 40088
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• At +25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table.
• At +85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table.
• At +125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table.
TYPICAL LEAKAGE CURRENT FACTOR RANGE
CAPACITOR PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Surge voltage
Post application of surge voltage (as specified in the table above) in series with a 33
 resistor at the rate of 30 s
ON, 30 s OFF, for 1000 successive test cycles at 85 °C, capacitors meet the characteristics requirements listed
below.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
Surge current
After subjecting parts in series with a 1
 resistor at the rate of 3 s CHARGE, 3 s DISCHARGE, and a cap bank of
100K μF for 3 successive test cycles at 25 °C, capacitors meet the characteristics requirements listed below.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
Life test at +85 °C
Capacitors meet the characteristic requirements listed below. After 2000 h application of rated voltage at 85 °C.
Capacitance change
Leakage current
Within ± 10 % of initial value
Shall not exceed 125 % of initial value
Life test at +125 °C
Capacitors meet the characteristic requirements listed below. After 1000 h application 2/3 of rated voltage at 125 °C.
Capacitance change
for parts with cap.
 600 μF
for parts with cap. > 600 μF
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Shall not exceed 125 % of initial value
Percent of Rated Voltage
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
- 55 °C
+ 150 °C
0 °C


Similar Part No. - 595D6861016D23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D6861016D23 VISHAY-595D6861016D23 Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 595D6861016D23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com