Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-141-34W Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # 8-141-34W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-34W Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button 8-141-34W Datasheet HTML 82Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 83Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 84Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 85Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 86Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 87Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 88Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 89Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 282 page
background image
3-9
Call Toll Free: 1 (800) 323-9612
3
CN0942/CN0944 Series (C48 Family)
Short Receptacle Connectors
Non-Removable Contacts
Single-Hole Mount,
Bayonet Coupling
CN0942D XXXXXXXXX
CN0944D XXXXXXXXX
Square Flange,
Bayonet Coupling
CN0942B XXXXXXXXX
CN0944B XXXXXXXXX
Dimensions
AB
C
D
F
J
K
L
Shell
Max.
Max.
Max.
Max.
Thread
+.005 (.127)
+.005 (.127)
+.003 (.176)
Size
in
mm
in
mm
in
mm
in
mm
UNEF-2A
in
mm
in
mm
in
mm
8
.984 24.994
.828 21.031
1.068 27.127
.561
14.250
.625-20*
.812 20.625
.594 15.088
.593 15.062
10
1.109 28.169
.953 24.206
1.192 30.277
.696
17.679
.750-20
.937 23.800
.719 18.263
.718 18.237
12
1.296 32.919
1.140 28.956
1.380 35.052
.875
22.225
.937-20
1.031 26.188
.812 20.625
.905 22.987
14
1.396 35.459
1.250 31.750
1.505 38.227
.935
23.749
1.000-20
1.125 28.575
.906 23.013
.968 24.587
16
1.521 38.634
1.329 33.757
1.630 41.402
1.062
26.975
1.125-20*
1.250 31.750
.969 24.613 1.093 27.762
18
1.646 41.809
1.455 36.957
1.740 44.196
1.187
30.150
1.250-20*
1.343 34.112
1.062 26.975 1.217 30.912
20
1.771 44.984
1.642 41.707
1.860 47.244
1.312
33.325
1.375-18
1.437 36.500
1.156 29.363 1.342 34.087
22
1.959 49.759
1.705 43.307
2.040 51.816
1.437
36.500
1.500-20*
1.562 39.675
1.250 31.750 1.467 37.262
24
2.084 52.934
1.892 48.057
2.160 54.864
1.562
39.675
1.625-18
1.703 43.256
1.375 34.925 1.592 40.437
S**
T**
T*
S*
* Th’d: UN-2A
** See “S” and “T” dimensions on page 3-10.


Similar Part No. - 8-141-34W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-34W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com