Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-141-34W Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # 8-141-34W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-34W Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button 8-141-34W Datasheet HTML 89Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 90Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 91Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 92Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 93Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 94Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 95Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 96Page - List of Unclassifed Manufacturers 8-141-34W Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 282 page
background image
3-16
3
Call Toll Free: 1 (800) 323-9612
CN0967 (C48 Series)
Vibration-Resistant Receptacle
Threaded Coupling
CN0967XXXXXXXX
BACC63BV1
Dimensions
AB
C
D
J
L
Shell
+.0045 (.114)
+.005 (.127)
Max.
Max. Dia.
Thread
Thread
Size
in
mm
in
mm
in
mm
in
mm
UNEF-2A
UNEF-2A
8
.812
20.625
.594
15.088
.561
14.250
.328
8.331
.5265-24
.5000-20
10
.937
23.800
.719
18.263
.696
14.250
.371
9.423
.6875-24
.6250-24
12
1.031
26.187
.812
20.625
.875
17.679
.547
13.894
.8750-20
.7500-20
14
1.125
28.575
.906
23.012
.935
22.225
.609
15.469
.9375-20
.8750-20
16
1.250
31.750
.969
24.613
1.062
23.749
.758
19.253
1.0625-18
1.0000-20
18
1.343
34.112
1.062
26.975
1.187
30.150
.865
21.971
1.1875-18
1.0625-18
20
1.437
36.500
1.156
29.362
1.312
33.325
.986
25.044
1.3125-18
1.1875-18
22
1.562
39.675
1.250
31.750
1.437
36.500
1.106
28.092
1.4375-18
1.3125-18
24
1.703
43.256
1.375
34.925
1.562
39.675
1.235
31.369
1.5625-18
1.4375-18
28
2.000
50.800
1.562
39.675
1.810
45.976
1.485
37.719
1.8125-16
1.750-18*
Ordering Information
2
CN0967 C 10 S 05 P N - 000
Series Designation
CN0967
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, 24, 26, 28
Environmental Class
A - Anodized Aluminum
G - Cadmium/Nickel-Plated Aluminum
K - Stainless Steel, Flame Resistant
N - Electroless Nickel-Plated Aluminum
S - Stainless Steel
Order Code (Deviations)
000 - Less Contacts
100 - * See below
200 - With Gold-Plated Contacts
Alternate Shell Position
N, 6, 7, 8, 9, 10
Per table on page 3-4.
Contact Style
P - Pin
S - Socket
Insert Arrangements
(See page 3-4)
Series Modification
C - Square-Flange Mount
G - Square-Flange with Clinch Nuts
1.407**
(35.738)
Max.
NOTES:
1
For Boeing Specification, see page 3-14.
2
For modifications, classes, etc., not listed, consult factory.
• For mounting hole dimensions, see page 3-20.
* Th’d: UNS-2A
**Size 28 = 1.457 (37.008)
* Former order code - 100 designated rhodium plated contacts
360° LOCKING
ACCESSORY
TEETH


Similar Part No. - 8-141-34W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-34W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com