Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-141-34W Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 9-141-34W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9-141-34W Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 9-141-34W Datasheet HTML 12Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 13Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 14Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 15Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 16Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 17Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 18Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 19Page - List of Unclassifed Manufacturers 9-141-34W Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 282 page
background image
2-10
DURA-CON®
High Reliability
All-Plastic
2
Call Toll Free: 1 (800) 323-9612
Barrier Blocks
Series 141
.438 Density, 6-32 x 1/4"
BH Screw, Open Bottom,
Double Row
Marker Strips
Dimensions
Standard
“Y” Terminal
Ordering Information
Marketed exclusively through distribution.
No. of
Terminals
Catalog No.
Catalog No.
1
MS-1-141
MS-1-141-Y
2
MS-2-141
MS-2-141-Y
3
MS-3-141
MS-3-141-Y
4
MS-4-141
MS-4-141-Y
5
MS-5-141
MS-5-141-Y
6
MS-6-141
MS-6-141-Y
7
MS-7-141
MS-7-141-Y
8
MS-8-141
MS-8-141-Y
9
MS-9-141
MS-9-141-Y
10
MS-10-141
MS-10-141-Y
11
MS-11-141
MS-11-141-Y
12
MS-12-141
MS-12-141-Y
13
MS-13-141
MS-13-141-Y
14
MS-14-141
MS-14-141-Y
15
MS-15-141
MS-15-141-Y
16
MS-16-141
MS-16-141-Y
17
MS-17-141
MS-17-141-Y
18
MS-18-141
MS-18-141-Y
19
MS-19-141
MS-19-141-Y
20
MS-20-141
MS-20-141-Y
Use Standard Marker Strip for “3/4W” and “W” Solder Terminals.
Accessories
• Jumpers
• Fanning Strips


Similar Part No. - 9-141-34W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1411325-2 MACOM-9-1411325-2 Datasheet
5Mb / 64P
   GET.64 Interconnection System
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
TE Connectivity Ltd
9-1415001-1 TEC-9-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
9-1415002-1 TEC-9-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
9-1415006-1 MACOM-9-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
More results

Similar Description - 9-141-34W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com