Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F010P-12T Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28F010P-12T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010P-12T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28F010P-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT28F010
4
Doc. No. 25005-0A 2/98 F-1
D.C. OPERATING CHARACTERISTICS
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
ILI
Input Leakage Current
±1
µAVIN = VCC or VSS
VCC = 5.5V, OE = VIH
ILO
Output Leakage Current
±1
µAVOUT = VCC or VSS,
VCC = 5.5V, OE = VIH
ISB1
VCC Standby Current CMOS
100
µA
CE = VCC
±0.5V,
VCC = 5.5V
ISB2
VCC Standby Current TTL
1
mA
CE = VIH, VCC = 5.5V
ICC1
VCC Active Read Current
30
mA
VCC = 5.5V, CE = VIL,
IOUT = 0mA, f = 6 MHz
ICC2(1)
VCC Programming Current
15
mA
VCC = 5.5V,
Programming in Progress
ICC3(1)
VCC Erase Current
15
mA
VCC = 5.5V,
Erasure in Progress
ICC4(1)
VCC Prog./Erase Verify Current
15
mA
VCC = 5.5V, Program or
Erase Verify in Progress
IPPS
VPP Standby Current
±10
µAVPP = VPPL
IPP1
VPP Read Current
200
µAVPP = VPPH
IPP2(1)
VPP Programming Current
30
mA
VPP = VPPH,
Programming in Progress
IPP3(1)
VPP Erase Current
30
mA
VPP = VPPH,
Erasure in Progress
IPP4(1)
VPP Prog./Erase Verify Current
5
mA
VPP = VPPH, Program or
Erase Verify in Progress
VIL
Input Low Level TTL
–0.5
0.8
V
VILC
Input Low Level CMOS
–0.5
0.8
V
VOL
Output Low Level
0.45
V
IOL = 5.8mA, VCC = 4.5V
VIH
Input High Level TTL
2
VCC+0.5
V
VIHC
Input High Level CMOS
VCC*0.7
VCC+0.5
V
VOH1
Output High Level TTL
2.4
V
IOH = –2.5mA, VCC = 4.5V
VOH2
Output High Level CMOS
VCC–0.4
V
IOH = –400
µA, VCC = 4.5V
VID
A9 Signature Voltage
11.4
13
V
A9 = VID
IID(1)
A9 Signature Current
200
µAA9 = VID
VLO
VCC Erase/Prog. Lockout Voltage
2.5
V
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT28F010P-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010P-12T CATALYST-CAT28F010P-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F010P-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com