Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM19088CUY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM19088CUY
Description  1.90 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM19088CUY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM19088CUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM19088CUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM19088CUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121823
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.90 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM19088C (Common Cathode Row)
LM19088D (Common Anode Row)
ROW
ROW
8
5
1
5
6
7
2
7
4
3
12
8
8
5
6
7
4
3
PIN
COL.
NO.
PIN
2
1
14
NO.
9
1
13
3
2
4
3
10
4
6
5
7
15
11
6
16
8
2
1
5
1
7
2
8
12
NO.
PIN
9
NO.
14
COL.
PIN
13
1
3
2
3
4
10
4
6
5
11
6
15
78
16
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM19088CR
LM19088DR
GaAlAs
Super Red
640
8
10
LM19088CD
LM19088DD
GaAlAs
Hi-Red
640
18
25
LM19088CO
LM19088DO
GaAsP
Orange
625
7
9
LM19088CY
LM19088DY
GaAsP
Yellow
588
8
10
LM19088CG
LM19088DG
GaP
Green
568
7
9
LM19088CUR
LM19088DUR
AlGaInP
Ultra Red
640
30
45
LM19088CUO
LM19088DUO
AlGaInP
Ultra Orange
625
45
60
LM19088CUA
LM19088DUA
AlGaInP
Ultra Amber
605
30
45
LM19088CUY
LM19088DUY
AlGaInP
Ultra Yellow
595
30
45
LM19088CUG
LM19088DUG
AlGaInP
Ultra Green
573
30
45
LM19088CPG
LM19088DPG
InGaN
Pure Green
525
120
300
LM19088CUB
LM19088DUB
InGaN
Ultra Blue
470
30
45
LM19088CUW
LM19088DUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM19088CUY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AD LIGHTKEY-LM19088AD Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AG LIGHTKEY-LM19088AG Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AO LIGHTKEY-LM19088AO Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088APG LIGHTKEY-LM19088APG Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
More results

Similar Description - LM19088CUY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088KL LIGHTKEY-LM19088KL Datasheet
300Kb / 3P
   LM19088K/L Series . 1.90 inch 8x8 Dot Matrix LED Display
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com