Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

595D1071020D23 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 595D1071020D23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D1071020D23 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 595D1071020D23 Datasheet HTML 4Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 5Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 6Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 7Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 8Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 9Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 10Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 11Page - Vishay Siliconix 595D1071020D23 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 19-Aug-13
8
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
“T” Case
10 000
1000
100
10
1.0
IMPEDANCE
ESR
0.1 μF, 50 V
DC
3.3 μF, 6.3 V
DC
FREQUENCY IN Hz
100
1K
10K
100K
1M
10M
“A” Case
1000
100
10
1.0
0.1
IMPEDANCE
ESR
1 μF, 35 V
DC
15 μF, 6.3 V
DC
FREQUENCY IN Hz
100
1K
10K
100K
1M
10M
100
1K
10K
100K
1M
10M
1000
100
10
1
0.1
2.2 μF, 35 V
DC
22 μF, 6.3 V
DC
IMPEDANCE
ESR
FREQUENCY IN Hz
“B” Case
“C” Case
1.0
10
100
1000
0.1
0.01
IMPEDANCE
ESR
10 μF, 25 V
DC
FREQUENCY IN Hz
100 μ F, 6.3 V
DC
100
1K
10K
100K
1M
10M
“D” Case
FREQUENCY IN Hz
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
220 μF, 6.3 V
DC
22 μF, 25 V
DC
100
1K
10K
100K
1M
10M
“R” Case
FREQUENCY IN Hz
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
33 μF, 35 V
DC
390 μF, 6.3 V
DC
100
1K
10K
100K
1M
10M


Similar Part No. - 595D1071020D23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D1071020D23 VISHAY-595D1071020D23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results

Similar Description - 595D1071020D23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com