Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C128U14-1.8TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT25C128U14-1.8TE13
Description  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C128U14-1.8TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT25C128U14-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C128U14-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CAT25C128/256
128K/256K-Bit SPI Serial CMOS E2PROM
FEATURES
s 5 MHz SPI Compatible
s 1.8 to 6.0 Volt Operation
s Hardware and Software Protection
s Zero Standby Current
s Low Power CMOS Technology
s SPI Modes (0,0 &1,1)
s Commercial, Industrial and Automotive
Temperature Ranges
s 100,000 Program/Erase Cycles
s 100 Year Data Retention
s Self-Timed Write Cycle
s 8-Pin DIP/SOIC, 16-Pin SOIC, 14-Pin TSSOP
and 20-Pin TSSOP
s 64-Byte Page Write Buffer
s Block Write Protection
– Protect 1/4, 1/2 or all of E2PROM Array
PIN CONFIGURATION
DIP Package (P)
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
NC
No Connect
BLOCK DIAGRAM
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DESCRIPTION
The CAT25C128/256 is a 128K/256K-Bit SPI Serial
CMOS E2PROM internally organized as 16Kx8/32Kx8
bits. Catalyst’s advanced CMOS Technology substan-
tially reduces device power requirements. The
CAT25C128/256 features a 64-byte page write buffer.
The device operates via the SPI bus serial interface and
is enabled though a Chip Select (
CS). In addition to the
Chip Select, the clock input (SCK), data in (SI) and data
out (SO) are required to access the device. The
HOLD
pin may be used to suspend any serial communication
without resetting the serial sequence. The CAT25C128/
256 is designed with software and hardware write pro-
tection features including Block Lock protection. The
device is available in 8-pin DIP, 8-pin SOIC, 16-pin
SOIC, 14-pin TSSOP and 20-pin TSSOP packages.
TSSOP Package (U20)
SENSE AMPS
SHIFT REGISTERS
SPI
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
I/O
CONTROL
E2PROM
ARRAY
COLUMN
DECODERS
XDEC
HIGH VOLTAGE/
TIMING CONTROL
SO
25C128 F02
STATUS
REGISTER
BLOCK
PROTECT
LOGIC
DATA IN
STORAGE
SI
CS
WP
HOLD
SCK
SOIC Package (S, K)
VSS
SO
WP
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
CS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
VSS
Doc. No. 25088-00 1/01
CS
WP
HOLD
VCC
NC
NC
NC
NC
SO
NC
NC
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SOIC Package (S16)
NC
NC
CS
WP
HOLD
HOLD
VCC
NC
NC
NC
NC
NC
NC
SO
NC
NC
SO
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TSSOP Package (U14)
CS
NC
1
2
3
4
14
13
12
11
NC
NC
NC
5
6
710
9
8
NC
SCK
VSS
SI
NC
WP
VCC
HOLD
SO
15
16
NC
NC
Note: CAT25C256 not available in 8-Lead S or U packages.


Similar Part No. - CAT25C128U14-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C128L-1.8-GT2 CATALYST-CAT25C128L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C128L-1.8-GT3 CATALYST-CAT25C128L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C128L-1.8T2 CATALYST-CAT25C128L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C128U14-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com