Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

892-1CH-C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 892-1CH-C
Description  10mm slim miniature PCB Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

892-1CH-C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  892-1CH-C Datasheet HTML 1Page - List of Unclassifed Manufacturers 892-1CH-C Datasheet HTML 2Page - List of Unclassifed Manufacturers 892-1CH-C Datasheet HTML 3Page - List of Unclassifed Manufacturers 892-1CH-C Datasheet HTML 4Page - List of Unclassifed Manufacturers 892-1CH-C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SONG CHUAN
114
892
Contact Rating
Ordering Information
Coil Rating (DC)
1. 892
-- Basic series designation
1BH
-- Single pole normally closed
Contact material AgSnO
2. Blank
-- Standard type
1CH
-- Single pole double throw
Contact
H
-- High power type
material AgSnO
3. Blank
-- Standard type
5. Blank
-- Standard type
N
-- High sensitivity type
F
-- Class F
4. 1AC
-- Single pole normally open
Contact
6. C
-- Flux tight
material AgNi
V
-- Sealed type
1BC
-- Single pole normally closed
Contact
S
-- Sealed type washable
material AgNi
1CC
-- Single pole double throw
Contact
7. Blank
-- Standard type
material AgNi
E
-- CTI 250V
1AH
-- Single pole normally open
Contact
material AgSnO
Standard Type
Rated
Rated current
Coil resistance Max. continuous
Pick up
Drop out
Power consumption
voltage
10 % at 23°C
10 % at 23°C
voltage
voltage(Max.)
voltage(Min.)
at rated
(V)
(mA)
( )
at 85°C
at 23°C
at 23°C
voltage
3
133.3
22.5
5
80
62.5
80 % of rated
6
66.7
90
voltage
9
44.4
202.5
160 % of
(H type only)
5 % of
12
33.3
360
rated
rated
approx. 0.4W
18
22.2
810
voltage
75 % of
voltage
24
16.7
1440
rated
36
11.1
3240
voltage
48
8.3
5760
60
6.7
9000
892
892H
NO / NC
5A/3A 240VAC
NO / NC
10A/5A 120VAC (50,000 ops.)
Resistive load
NO / NC
7A/3A 120VAC
NO / NC
7A/5A 240VAC
Max. switching current
NO / NC
7A/3A
NO / NC
10A/5A
Max. switching voltage
277VAC
277VAC
Max. switching capacity
NO / NC
1200VA/720VA
NO / NC
1680VA/1200VA
Type
892
-
1AC
-
-
C
12
3
4
5
6
7
8
8.
-- Coil voltage (please refer to the
coil rating data for the availability)


Similar Part No. - 892-1CH-C

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
892-100-500-201 EDAC-892-100-500-201 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-201 EDAC-892-100-500-201 Datasheet
152Kb / 3P
   892 Series,High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-202 EDAC-892-100-500-202 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-202 EDAC-892-100-500-202 Datasheet
153Kb / 3P
   892 Series,High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-203 EDAC-892-100-500-203 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
More results

Similar Description - 892-1CH-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
   Slim PCB Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com