Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1512S15ERW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MB1512S15ERW
Description  MB1500ERW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB1512S15ERW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MB1512S15ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB1512S15ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB1512S15ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB1512S15ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
EMC Specifications
Parameter
Standard
Radiated Emissions
See Note 1
EN 55022
Class A
Conducted Emissions
See Note 1
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 2
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 3
EN 61000-4-5
Criteria B; ±2 kV
CS
EN 61000-4-6
Criteria A; 3 Vrms
Voltage Dips
EN 61000-4-29
Criteria B; 0% - 70%
Typical Connection
The diagram above illustrates a typical connection of the MB1500ERW
series for applications that require meeting EMC standards. The units do not
require external components to operate as specified. Some notes on this
diagram (starting with the input circuit) are:
1. It is recommended that an external fuse be used.The recommended fuse
is shown in the model chart on page 2.
2. An external MOV is recommended on the input to protect the unit in the
event of a surge. A recommended value is given in the table at right.
3. An external TVS is recommended on the input to protect the unit in the
event of a voltage spike. A recommended value is given in the table at
right.
4. The output filtering capacitor (C5) is a high frequency, low resistance
electrolytic capacitor. Care must be taken in choosing this capacitor not
to exceed the capacitive load specification for the unit. The board layout
illustration below shows a connection for dual output units.Voltage derating
of capacitors should be 80% or above.
Notes:
1. All units are rated for EN 55022 (CE/RE) class A without external components.
They will meet class B with the addition of the DCFM-0x (or a similar discrete
filter circuit). Contact the factory for more information.
2. To meet the requirements of EN 61000-4-4 (±2 kV), external components are
needed. This can be done discretely, or with the addition of the DCFM-0x.
Contact the factory for more information.
3. To meet the requirements of EN 61000-4-5 (±2 kV), external components are
needed.This can be done discretely,or with the addition of the DCFM-0x.Contact
the factory for more information.
Typical Board Layout: With External Filter/Surge Components for Dual Output Unit
5. Recommended values for components are:
Component
12 VIN
24 VIN
48 VIN
MOV
10D560
10D101
L1
56 µH
56 µH
TVS
SMCJ28A
SMCJ48A
SMCJ90A
C1
680 µF/25V
120 µF/25V
120 µF/100V
C2
1.0 µF/50V
1.0 µF/50V
1.0 µF/100V
L2
4.7 µH
4.7 µH
4.7 µH
C3, C4
1,000 pF/2 kV
1,000 pF/2 kV
1,000 pF/2 kV
6. Input noise and surge suppression modules are available for
a number of MPD DC/DC power supplies. An MB1500ERW
connection with the DCFM-03 (surge suppression) module
connected to the input and the DCFM-03 EMS module.
Typical Connection: With DCFM-0x ISurge Suppression and Filter Modules
Vin
(VDC)
Input
Capacitor
Vout
(VDC)
Output
Capacitor
12
100 µF
3.3
470 µF
5
470 µF
24
100 µF
12
220 µF
15
220 µF
48
100 µF
24
100 µF
±5
±220 µF
±12
±100 µF
±15
±100 µF
±24
±47 µF
For pricing or full technical information on these modules (DCFM-01,
DCFM-02 and DCFM-03) please contact the factory.
7. In many applications simply
adding input/output capaci-
tors will enhance the input
surge protection and reduce
output ripple sufficiently. The
input capacitor C1 and output
capacitors C5 and C6 shown
in the typical connection dia-
gram above, and board layout
drawing below illustrate their
connection in this case, recommended capacitor
values are given in the table at right.


Similar Part No. - MB1512S15ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1512SMRW-05RI4 MPD-MB1512SMRW-05RI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB1512SMRW-12RI4 MPD-MB1512SMRW-12RI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB1512SMRW-15RI4 MPD-MB1512SMRW-15RI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB1512SMRW-24RI4 MPD-MB1512SMRW-24RI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com