Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1048MD15HI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MB1048MD15HI
Description  MB1000MHI
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB1048MD15HI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MB1048MD15HI Datasheet HTML 1Page - MicroPower Direct, LLC MB1048MD15HI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MB1012MS-05HI
12
9.0 - 18.0
877
30
100
5.0
1,600
0.0
76
1,000
3,000
MB1012MS-051HI
12
9.0 - 18.0
907
30
100
5.1
1,600
0.0
75
1,000
3,000
MB1012MS-12HI
12
9.0 - 18.0
1,044
30
100
12.0
835
0.0
80
470
3,000
MB1012MD-12HI
12
9.0 - 18.0
1,042
30
100
±12.0
±417
0.0
80
220
3,000
MB1012MD-15HI
12
9.0 - 18.0
1,028
30
100
±15.0
±333
0.0
81
220
3,000
MB1024MS-05HI
24
18.0 - 36.0
541
20
50
5.0
1,600
0.0
77
1,000
1,500
MB1024MS-051HI
24
18.0 - 36.0
559
20
50
5.1
1,600
0.0
76
1,000
1,500
MB1024MS-12HI
24
18.0 - 36.0
516
20
50
12.0
835
0.0
81
470
1,500
MB1024MD-12HI
24
18.0 - 36.0
516
20
50
±12.0
±417
0.0
81
220
1,500
MB1024MD-15HI
24
18.0 - 36.0
508
20
50
±15.0
±333
0.0
82
220
1,500
MB1048MS-05HI
48
36.0 - 75.0
271
10
25
5.0
1,600
0.0
77
1,000
750
MB1048MS-051HI
48
36.0 - 75.0
280
10
25
5.1
1,600
0.0
76
1,000
750
MB1048MS-12HI
48
36.0 - 75.0
258
10
25
12.0
835
0.0
81
470
750
MB1048MD-12HI
48
36.0 - 75.0
258
10
25
±12.0
±417
0.0
81
220
750
MB1048MD-15HI
48
36.0 - 75.0
254
10
25
±15.0
±333
0.0
82
220
750
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
Pin
Single
Dual
1+VIN
+VIN
4
No Pin
Comm.
2-VIN
-VIN
5-VOUT
-VOUT
3+VOUT
+VOUT
Pin Connections
Derating Curve
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic capacitor
be placed from the +VOUT pin to the -VOUT pin for single output units and from each output to
common for dual output units. For noise sensitive applications, the use of 3.3 µF capacitors
will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to
100%.
3. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect
the load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
4. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where the
converter output loading is high and input power is supplied over long lines, it may be necessary
to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
at 100 kHz) capacitor be mounted
close to the converter. For 12V input units a 10.0 µF is recommended, for 24V a 4.7 µF and
for 48V units a 2.2 µF.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.


Similar Part No. - MB1048MD15HI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1048D-05ERU MPD-MB1048D-05ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048D-12ERU MPD-MB1048D-12ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048D-15ERU MPD-MB1048D-15ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048D05ERW MPD-MB1048D05ERW Datasheet
746Kb / 4P
   MB1000ERW
MB1048D12ERW MPD-MB1048D12ERW Datasheet
746Kb / 4P
   MB1000ERW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com