Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1524D15ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MB1524D15ERW
Description  MB1500ERW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB1524D15ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MB1524D15ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB1524D15ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB1524D15ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB1524D15ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Start up time is measured at nominal input and with a constant resistive load.
2. Cross regulation is measured with the output being tested at 50% load. The second output is varied
from 10% to 100% load.
3. When measuring output ripple, it is recommended that an external ceramic capacitor (approx
1 µF to 10 µF) be placed from the +VOUT to the -VOUT pins.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. Isolation capacitance for 24 VDC output models is 2,000 pF. Isolation capacitance is measured from
input to output at 100 kHz/0.1V.
6. The maximum control current at the on/off pin (pin 6) during a logic high is 50 µA. The maximum
control current to the on/off pin at logic low (-0.7V to 0.8V) is 1 mA. If the on/off pin is left open, the
unit operates. If it is grounded, the unit will shut off.
7. These units should not be operated with a load under 10% of full load. Operation at no-load will not
damage the unit, but they may not meet all specifications.
8. These units should not be operated over +85°C. Exceeding +85°C may damage the unit.
9. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MB1512S-03ERW
12
9.0 - 18.0
1,465
65
3.3
4,000
200
87
3.9
10,500
3,000
MB1512S-05ERW
12
9.0 - 18.0
1,405
60
5.0
3,000
150
89
6.2
4,020
3,000
MB1512S-12ERW
12
9.0 - 18.0
1,405
25
12.0
1,250
63
89
15.0
1,035
3,000
MB1512S-15ERW
12
9.0 - 18.0
1,405
25
15.0
1,000
50
89
18.0
705
3,000
MB1512S-24ERW
12
9.0 - 18.0
1,389
30
24.0
625
32
90
30.0
250
3,000
MB1512D-05ERW
12
9.0 - 18.0
1,453
30
±5.0
±1,500
±75
86
±6.2
±1,020
3,000
MB1512D-12ERW
12
9.0 - 18.0
1,420
25
±12.0
±625
±32
88
±15.0
±495
3,000
MB1512D-15ERW
12
9.0 - 18.0
1,420
25
±15.0
±500
±25
88
±18.0
±165
3,000
MB1512D-24ERW
12
9.0 - 18.0
1,420
20
±24.0
±313
±16
88
±30.0
±200
3,000
MB1524S-03ERW
24
18.0 - 36.0
625
35
3.3
4,000
200
88
3.9
10,500
1,500
MB1524S-05ERW
24
18.0 - 36.0
695
35
5.0
3,000
150
90
6.2
4,020
1,500
MB1524S-12ERW
24
18.0 - 36.0
703
20
12.0
1,250
63
89
15.0
1,035
1,500
MB1524S-15ERW
24
18.0 - 36.0
695
20
15.0
1,000
50
90
18.0
705
1,500
MB1524S-24ERW
24
18.0 - 36.0
695
25
24.0
625
32
90
30.0
250
1,500
MB1524D-05ERW
24
18.0 - 36.0
727
25
±5.0
±1,500
±75
86
±6.2
±1,020
1,500
MB1524D-12ERW
24
18.0 - 36.0
710
20
±12.0
±625
±32
88
±15.0
±495
1,500
MB1524D-15ERW
24
18.0 - 36.0
710
20
±15.0
±500
±25
88
±18.0
±165
1,500
MB1524D-24ERW
24
18.0 - 36.0
710
20
±24.0
±313
±16
88
±30.0
±200
1,500
MB1548S-03ERW
48
36.0 - 75.0
316
35
3.3
4,000
200
87
3.9
10,500
1,000
MB1548S-05ERW
48
36.0 - 75.0
360
35
5.0
3,000
150
87
6.2
4,020
1,000
MB1548S-12ERW
48
36.0 - 75.0
352
25
12.0
1,250
63
89
15.0
1,035
1,000
MB1548S-15ERW
48
36.0 - 75.0
348
15
15.0
1,000
50
90
18.0
705
1,000
MB1548S-24ERW
48
36.0 - 75.0
352
15
24.0
625
32
89
30.0
250
1,000
MB1548D-05ERW
48
36.0 - 75.0
363
20
±5.0
±1,500
±75
86
±6.2
±1,020
1,000
MB1548D-12ERW
48
36.0 - 75.0
355
15
±12.0
±625
±32
88
±15.0
±495
1,000
MB1548D-15ERW
48
36.0 - 75.0
355
15
±15.0
±500
±25
88
±18.0
±165
1,000
MB1548D-24ERW
48
36.0 - 75.0
355
15
±24.0
±313
±16
88
±30.0
±200
1,000
Derating Curve Output Over 5VDC
Derating Curve Output 5VDC & 3.3VDC
On single output units, a simple external circuit may be used to adjust the converter output.
To adjust the output DOWN, connect a 5%, 3W resistor between the plus output pin and
the Vout trim pin. To adjust the output UP, connect a 5%, 3W resistor between the minus
output pin and the Vout trim pin.
For UP/Down trimming capability, connect a 10 kW potentiom-
eter between the plus and minus outputs with the wiper arm
connected to the Vout trim pin.
External Trim


Similar Part No. - MB1524D15ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1524D-05ERU MPD-MB1524D-05ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1524D-12ERU MPD-MB1524D-12ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1524D-15ERU MPD-MB1524D-15ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1524DMRW-12RI4 MPD-MB1524DMRW-12RI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB1524DMRW-15RI4 MPD-MB1524DMRW-15RI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com