Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

892H-1AH-F-V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 892H-1AH-F-V
Description  10mm slim miniature PCB Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

892H-1AH-F-V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  892H-1AH-F-V Datasheet HTML 1Page - List of Unclassifed Manufacturers 892H-1AH-F-V Datasheet HTML 2Page - List of Unclassifed Manufacturers 892H-1AH-F-V Datasheet HTML 3Page - List of Unclassifed Manufacturers 892H-1AH-F-V Datasheet HTML 4Page - List of Unclassifed Manufacturers 892H-1AH-F-V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SONG CHUAN
117
————
All specifications subject to change.
Please contact Song Chuan for update. ————
892
Engineering Data
Life expectancy(892H)
AC resistive load/Switching current(A)
10
01
6
5
10
10
7
24
6
8
10
240VAC
10
4
NO
NC
20
60
50
40
30
10
% of Nominal Coil Voltage (at 23
)
100
80
60
160
140
120
180
80
70
90
Coil temperature rise
10A
7A
5A
5
AC resistive load/Switching current(A)
Life expectancy(892)
5
10
0
4
10
1
10
6
10
7
240VAC
2
46
810
NO
NC
80
5A
% of Nominal Coil Voltage (at 85
)
5
60
80
40
20
10
30
60
50
70
120
100
140
10A
160
180
7A
Coil temperature rise
90
1
2
avg
min
max
0
140
130
120
110
90
100
70
80
150
160
min
avg
max
180
170
Operate time
Release time
15
14
13
12
11
8
6
9
7
5
3
4
10
16
17
18
20
Operate time/Release time
% of Nominal coil voltage (at 23
)


Similar Part No. - 892H-1AH-F-V

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
892-000 GLENAIR-892-000 Datasheet
648Kb / 2P
   Circular Breakaway
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
   Circular Breakaway
More results

Similar Description - 892H-1AH-F-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
   Slim PCB Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com