Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1048D15ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MB1048D15ERW
Description  MB1000ERW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB1048D15ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MB1048D15ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB1048D15ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB1048D15ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB1048D15ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 50% load. The second output is varied from 10% to 100%
load.
2. When measuring output ripple, it is recommended that an external ceramic capacitor (approx
10 µF) be placed from the +VOUT to the -VOUT pins for single output models; or from each output to common for dual
output models.
3. Transient recovery is measured to within a 1% error band for a load step change of 25%.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. These units should not be operated with a load under 5% of full load. Operation at no-load will not damage the unit, but
they may not meet all specifications.
6. These units should not be operated over +85°C. Exceeding +85°C may damage the unit.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above
for the correct rating.
Model
Number
Input
Output
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MB1012S-03ERW
12
9.0 - 18.0
857
25
3.3
2,400
120
20
2,200
77
2,000
MB1012S-05ERW
12
9.0 - 18.0
1,016
25
5.0
2,000
100
20
2,200
82
2,000
MB1012S-12ERW
12
9.0 - 18.0
969
25
12.0
833
42
20
470
86
2,000
MB1012S-15ERW
12
9.0 - 18.0
958
25
15.0
667
33
20
220
87
2,000
MB1012S-24ERW
12
9.0 - 18.0
947
25
24.0
416
21
20
100
88
2,000
MB1012D-05ERW
12
9.0 - 18.0
1,016
25
±5.0
±1,000
±50
20
±680
82
2,000
MB1012D-12ERW
12
9.0 - 18.0
969
25
±12.0
±416
±21
20
±220
86
2,000
MB1012D-15ERW
12
9.0 - 18.0
958
25
±15.0
±333
±16
20
±100
87
2,000
MB1012D-24ERW
12
9.0 - 18.0
958
25
±24.0
±208
±10
20
±47
87
2,000
MB1024S-03ERW
24
18.0 - 36.0
429
12
3.3
2,400
120
20
2,200
77
1,000
MB1024S-05ERW
24
18.0 - 36.0
496
12
5.0
2,000
100
20
2,200
84
1,000
MB1024S-12ERW
24
18.0 - 36.0
473
12
12.0
833
42
20
680
88
1,000
MB1024S-15ERW
24
18.0 - 36.0
463
12
15.0
667
33
20
330
90
1,000
MB1024S-24ERW
24
18.0 - 36.0
479
12
24.0
416
21
20
100
87
1,000
MB1024D-05ERW
24
18.0 - 36.0
502
12
±5.0
±1,000
±50
20
±680
83
1,000
MB1024D-12ERW
24
18.0 - 36.0
484
12
±12.0
±416
±21
20
±330
86
1,000
MB1024D-15ERW
24
18.0 - 36.0
473
12
±15.0
±333
±16
20
±220
88
1,000
MB1024D-24ERW
24
18.0 - 36.0
479
12
±24.0
±208
±10
20
±100
87
1,000
MB1048S-03ERW
48
36.0 - 75.0
212
6
3.3
2,400
120
20
2,200
78
500
MB1048S-05ERW
48
36.0 - 75.0
254
6
5.0
2,000
100
20
2,200
82
500
MB1048S-12ERW
48
36.0 - 75.0
237
6
12.0
833
42
20
820
88
500
MB1048S-15ERW
48
36.0 - 75.0
234
6
15.0
667
33
20
470
89
500
MB1048S-24ERW
48
36.0 - 75.0
237
6
24.0
416
21
20
220
88
500
MB1048D-05ERW
48
36.0 - 75.0
251
6
±5.0
±1,000
±50
20
±680
83
500
MB1048D-12ERW
48
36.0 - 75.0
237
6
±12.0
±416
±21
20
±470
88
500
MB1048D-15ERW
48
36.0 - 75.0
234
6
±15.0
±333
±16
20
±220
89
500
MB1048D-24ERW
48
36.0 - 75.0
237
6
±24.0
±208
±10
20
±100
88
500
Derating Curve
All models of the MB1000x-xxERW series are available mounted on an adapter
plate similar to the one pictured above. The adapter plate will allow the user to easily
mount the unit to a chassis or to a standard DIN rail. Please contact the factory for
more information.
Adapter Plate


Similar Part No. - MB1048D15ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1048D-05ERU MPD-MB1048D-05ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048D-12ERU MPD-MB1048D-12ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048D-15ERU MPD-MB1048D-15ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048DMRW-12RI4 MPD-MB1048DMRW-12RI4 Datasheet
388Kb / 3P
   EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
MB1048DMRW-15RI4 MPD-MB1048DMRW-15RI4 Datasheet
388Kb / 3P
   EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com