Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB5048S24RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MB5048S24RW
Description  MB5000RW SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB5048S24RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MB5048S24RW Datasheet HTML 1Page - MicroPower Direct, LLC MB5048S24RW Datasheet HTML 2Page - MicroPower Direct, LLC MB5048S24RW Datasheet HTML 3Page - MicroPower Direct, LLC MB5048S24RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
MB50xxS-03RW Without Heatsink
MB50xxS-03RW With Heatsink
MB5024/48S-05RW, -12RW, -15RW Without Heatsink
MB5024/48S-05RW, -12RW, -15RW With Heatsink
MB5012S-12RW, 15RW & MB50xxS-24RW Without Heatsink
MB5012S-12RW, 15RW & MB50xxS-24RW With Heatsink
MB5012S-05RW Without Heatsink
MB5012S-05RW With Heatsink
Derating Curves
www.micropowerdirect.com
Parameter
Standard
Radiated Emissions
EN 55022
Class A/B
Conducted Emissions
EN 55022
Class A/B
ESD
EN 61000-4-2 Criteria B; ±8 kV Air, ±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT, See Notes
EN 61000-4-4
Criteria A; ±2 kV
Surge, See Notes
EN 61000-4-5
Criteria A; ±1 kV
CS
EN 61000-4-6
Criteria A; 10 V/m
All units should meet EN 55022 (CE/RE) class A/B
with the simple external circuit shown; using the
component values given in the table.
To meet the requirements of EN 61000-4-4 and
EN 61000-4-5, the value of C1 should be changed
to 330 µF/200V. Contact the factory for more
information.
Standard
Model
C1
C2
L1
C3
C4
EN55022 Class A
MB5012x-xxRW
22 µF/25V 1210 MLCC
---
---
---
---
MB5024x-xxRW
3.3 µF/50V 1210 MLCC
---
---
---
---
MB5048x-xxRW 2.2 µF/100V 1210 MLCC
---
---
---
---
EN55022 Class B MB50xxS-xxRW
3.3 µF/100V 1210/X7S
3.3 µF/100V 1210/X7S
1 mH
1,000 pF/2kV 1808 X7R
1,000 pF/2kV 1808 X7R
EMC Specifications


Similar Part No. - MB5048S24RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB5048S24RU MPD-MB5048S24RU Datasheet
1Mb / 4P
   MB5000RU SERIES
More results

Similar Description - MB5048S24RW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com