Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD112S15ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MD112S15ERW
Description  MD100ERW SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD112S15ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD112S15ERW Datasheet HTML 1Page - MicroPower Direct, LLC MD112S15ERW Datasheet HTML 2Page - MicroPower Direct, LLC MD112S15ERW Datasheet HTML 3Page - MicroPower Direct, LLC MD112S15ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. At no load, output voltage accuracy is ±1.5% typical and ±5.0% max.
2. The load on dual output units should not be unbalanced more than ±5 %. Units
operated with unbalanced loads greater than ±5% may not meet all specifications.
3. When measuring output ripple & noise, it is recommended that an external capacitor
(100 µF typ.) be placed from the +VOUT to the -VOUT pins for single output units and
from each output to common for dual output models.
4. Transient recovery is measured to within a 1% error band for a load step change
of 25%.
5. With the addition of the DCFM-0x (or a similar discrete filter), all models will meet EN
55022 class B. A suggested input circuit is shown in the connection diagram on page 3.
Contact the factory for more information.
6. To meet the requirements of EN 61000-4-4 (±2 kV), external components are needed.
The connection diagram on page 3 shows an external input filter that would typically
achieve this.With the addition of the DCFM-0x, EN 61000-4-4 (±4 kV) can be achieved.
Contact the factory for more information.
7. To meet the requirements of EN 61000-4-5 (±2 kV), external components are needed.
This can be done discretely (as shown in the connection diagram on page 3), or with the
addition of the DCFM-0x. Contact the factory for more information.
8. These units should not be operated with a load under 5% of full load. Operation at no-load
will not damage the unit, but they may not meet all specifications.
9. It is recommended that a fuse be used on the input of a power supply for protection. See
the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MD105S-05ERW
5
4.5 - 9.0
278
25
5.0
200
10.0
72
30.0
2,200
600
MD105S-12ERW
5
4.5 - 9.0
263
25
12.0
83
4.0
76
30.0
1,000
600
MD105S-15ERW
5
4.5 - 9.0
267
25
15.0
67
3.0
75
30.0
680
600
MD105D-05ERW
5
4.5 - 9.0
274
25
±5.0
±100
±5.0
73
30.0
1,000
600
MD105D-12ERW
5
4.5 - 9.0
263
25
±12.0
±42
±2.0
76
30.0
470
600
MD105D-15ERW
5
4.5 - 9.0
267
25
±15.0
±33
±2.0
75
30.0
330
600
MD112S-03ERW
12
9.0 - 18.0
112
12
3.3
303
15.0
75
40.0
2,700
250
MD112S-05ERW
12
9.0 - 18.0
108
12
5.0
200
10.0
77
40.0
2,200
250
MD112S-12ERW
12
9.0 - 18.0
106
12
9.0
111
6.0
79
40.0
1,800
250
MD112S-12ERW
12
9.0 - 18.0
104
12
12.0
83
4.0
80
40.0
1,000
250
MD112S-15ERW
12
9.0 - 18.0
104
12
15.0
67
3.0
80
40.0
680
250
MD112D-05ERW
12
9.0 - 18.0
107
12
±5.0
±100
±5.0
78
40.0
1,000
250
MD112D-12ERW
12
9.0 - 18.0
103
12
±12.0
±42
±2.0
81
40.0
470
250
MD112D-15ERW
12
9.0 - 18.0
104
12
±15.0
±33
±2.0
80
40.0
330
250
MD124S-03ERW
24
18.0 - 36.0
56
6
3.3
303
15.0
75
55.0
2,700
125
MD124S-05ERW
24
18.0 - 36.0
54
6
5.0
200
10.0
77
55.0
2,200
125
MD124S-12ERW
24
18.0 - 36.0
51
6
12.0
83
4.0
81
55.0
1,000
125
MD124S-15ERW
24
18.0 - 36.0
53
6
15.0
67
3.0
79
55.0
680
125
MD124S-24ERW
24
18.0 - 36.0
54
6
24.0
42
2.0
77
55.0
470
125
MD124D-05ERW
24
18.0 - 36.0
52
6
±5.0
±100
±5.0
80
55.0
1,000
125
MD124D-12ERW
24
18.0 - 36.0
52
6
±12.0
±42
±2.0
80
55.0
470
125
MD124D-15ERW
24
18.0 - 36.0
52
6
±15.0
±33
±2.0
80
55.0
330
125
MD148S-03ERW
48
36.0 - 75.0
28
4
3.3
758
38
75
70.0
2,700
75
MD148S-05ERW
48
36.0 - 75.0
27
4
5.0
200
10.0
76
70.0
2,200
75
MD148S-12ERW
48
36.0 - 75.0
26
4
12.0
83
4.0
81
70.0
1,000
75
MD148S-15ERW
48
36.0 - 75.0
26
4
15.0
67
3.0
80
70.0
680
75
MD148D-05ERW
48
36.0 - 75.0
27
4
±5.0
±100
±5.0
76
70.0
1,000
75
MD148D-12ERW
48
36.0 - 75.0
26
4
±12.0
±42
±2.0
80
70.0
470
75
MD148D-15ERW
48
36.0 - 75.0
26
4
±15.0
±33
±2.0
80
70.0
330
75
Remote ON/OFF Control
Derating Curve
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
The MD100x-ERW may be started or shutdown by the control pin input (pin 3). This input is
current controlled. The unit operates when this input is open. When the input is “high” (current
is flowing into the pin), the converter shuts down. The input current to this pin should be kept
between 5 mA to 10 mA. Exceeding 20 mA on this input or connecting it directly to ground
could damage the converter.
The diagram at right gives a suggested input circuit for the control pin. The diode (D1) is an
RB160M-60/1A and CD is is a 47 nF/100V. The resistor R1 is determined by the formula:
R = [(VC-VD-1.0)/IC]-300
Where:
VC = voltage to ground from pin 3
VD = the forward conduction voltage drop of D1
IC = the control pin current (5 - 10 mA)


Similar Part No. - MD112S15ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD112S15ER MPD-MD112S15ER Datasheet
400Kb / 2P
   MD100SER SERIES
More results

Similar Description - MD112S15ERW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com