Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD209S24E Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MD209S24E
Description  MD200xE SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD209S24E Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MD209S24E Datasheet HTML 1Page - MicroPower Direct, LLC MD209S24E Datasheet HTML 2Page - MicroPower Direct, LLC MD209S24E Datasheet HTML 3Page - MicroPower Direct, LLC MD209S24E Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
General Tolerance x.xx = ±0.02 (±0.5)
Pin 1 is marked by a “dot” or indentation on the unit
Mechanical Dimensions
Typical Board Layout, Single Output Models
Pin
Single Output
1+VIN
2-VIN
4-VOUT
5
No Pin
6+VOUT
Pin
Dual Output
1+VIN
2-VIN
4-VOUT
5
Common
6+VOUT
Pin Connections
Typical Board Layout, Dual Output Models
The drawings below show typical board layouts for the EMC circuits shown on
page three (one for single output models and one for dual output units).


Similar Part No. - MD209S24E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
   Double Balanced Mixer 0.5 - 500 MHz
MD20-0017-S MACOM-MD20-0017-S Datasheet
16Kb / 1P
   Double Balanced Mixer 10 - 3000 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
   Double Balanced Mixer 5 - 1500 MHz
logo
STMicroelectronics
MD2001FH STMICROELECTRONICS-MD2001FH Datasheet
92Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD2001FX STMICROELECTRONICS-MD2001FX Datasheet
99Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
More results

Similar Description - MD209S24E

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com